Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8190ENF16 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części CS8190ENF16
Szczegółowy opis  Precision Air-Core Tach/Speedo Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190ENF16 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button CS8190ENF16 Datasheet HTML 3Page - ON Semiconductor CS8190ENF16 Datasheet HTML 4Page - ON Semiconductor CS8190ENF16 Datasheet HTML 5Page - ON Semiconductor CS8190ENF16 Datasheet HTML 6Page - ON Semiconductor CS8190ENF16 Datasheet HTML 7Page - ON Semiconductor CS8190ENF16 Datasheet HTML 8Page - ON Semiconductor CS8190ENF16 Datasheet HTML 9Page - ON Semiconductor CS8190ENF16 Datasheet HTML 10Page - ON Semiconductor CS8190ENF16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CS8190
http://onsemi.com
7
Figure 7. Partial Schematic of Input and Charge Pump
VREG
FREQIN
SQOUT
R3
2.0 V
QSQUARE
CCP
R4
VC(t)
CP+
Q1
Q2
Q3
0.25 V
2.0 V
CP−
RT
C4
F/VOUT
F to V
+
+
+
Figure 8. Timing Diagram of FREQIN and ICP
VREG
FREQIN
SQOUT
0
ICP+
tCHG
T
VCP+
0
0
VCC
tDCHG
Ripple voltage on the F/V output causes pointer or needle
flutter especially at low input frequencies.
The response time of the F/V is determined by the time
constant formed by RT and C4. Increasing the value of C4
will reduce the ripple on the F/V output but will also increase
the response time. An increase in response time causes a
very slow meter movement and may be unacceptable for
many applications.
The CS8190 has an undervoltage detect circuit that disables
the input comparator when VCC falls below 8.0 V(typical).
With no input signal the F/V output voltage decreases and the
needle moves towards zero. A second undervoltage detect
circuit at 6.0 V(typical) causes the function generator to
generate a differential SIN drive voltage of zero volts and the
differential COS drive voltage to go as high as possible. This
combination of voltages (Figure 2) across the meter coil
moves the needle to the 0
° position. Connecting a large
capacitor(> 2000
mF) to the VCC lead (C2 in Figure 9)
increases the time between these undervoltage points since
the capacitor discharges slowly and ensures that the needle
moves towards 0
° as opposed to 360°. The exact value of the
capacitor depends on the response time of the system,the
maximum meter deflection and the current consumption of
the circuit. It should be selected by breadboarding the design
in the lab.


Podobny numer części - CS8190ENF16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS8190ENF16 CHERRY-CS8190ENF16 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190ENF16 ONSEMI-CS8190ENF16 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190ENF16 ONSEMI-CS8190ENF16 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results

Podobny opis - CS8190ENF16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com