Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8190EDWF20G Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części CS8190EDWF20G
Szczegółowy opis  Precision Air-Core Tach/Speedo Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190EDWF20G Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button CS8190EDWF20G Datasheet HTML 2Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 3Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 4Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 5Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 6Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 7Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 8Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 9Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CS8190
http://onsemi.com
6
Table 1. Function Generator Output Nominal Angle vs. Ideal Angle (After Calibrating at 2705)
Ideal q
Degrees
Nominal
q
Degrees
Ideal q
Degrees
Nominal
q
Degrees
Ideal q
Degrees
Nominal
q
Degrees
Ideal q
Degrees
Nominal
q
Degrees
Ideal q
Degrees
Nominal
q
Degrees
Ideal q
Degrees
Nominal
q
Degrees
0
0
17
17.98
34
33.04
75
74.00
160
159.14
245
244.63
1
1.09
18
18.96
35
34.00
80
79.16
165
164.00
250
249.14
2
2.19
19
19.92
36
35.00
85
84.53
170
169.16
255
254.00
3
3.29
20
20.86
37
36.04
90
90.00
175
174.33
260
259.16
4
4.38
21
21.79
38
37.11
95
95.47
180
180.00
265
264.53
5
5.47
22
22.71
39
38.21
100
100.84
185
185.47
270
270.00
6
6.56
23
23.61
40
39.32
105
106.00
190
190.84
275
275.47
7
7.64
24
24.50
41
40.45
110
110.86
195
196.00
280
280.84
8
8.72
25
25.37
42
41.59
115
115.37
200
200.86
285
286.00
9
9.78
26
26.23
43
42.73
120
119.56
205
205.37
290
290.86
10
10.84
27
27.07
44
43.88
125
124.00
210
209.56
295
295.37
11
11.90
28
27.79
45
45.00
130
129.32
215
214.00
300
299.21
12
12.94
29
28.73
50
50.68
135
135.00
220
219.32
305
303.02
13
13.97
30
29.56
55
56.00
140
140.68
225
225.00
14
14.99
31
30.39
60
60.44
145
146.00
230
230.58
15
16.00
32
31.24
65
64.63
150
150.44
235
236.00
16
17.00
33
32.12
70
69.14
155
154.63
240
240.44
Note: Temperature, voltage and nonlinearity not included.
CIRCUIT DESCRIPTION and APPLICATION NOTES
The CS8190 is specifically designed for use with air−core
meter movements. It includes an input comparator for
sensing an input signal from an ignition pulse or speed
sensor, a charge pump for frequency to voltage conversion,
a bandgap voltage regulator for stable operation, and a
function generator with sine and cosine amplifiers to
differentially drive the meter coils.
From the partial schematic of Figure 7, the input signal is
applied to the FREQIN lead, this is the input to a high
impedance comparator with a typical positive input
threshold of 2.0 V and typical hysteresis of 0.5 V. The output
of the comparator, SQOUT, is applied to the charge pump
input CP+ through an external capacitor CCP. When the
input signal changes state, CCP is charged or discharged
through R3 and R4. The charge accumulated on CCP is
mirrored to C4 by the Norton Amplifier circuit comprising
of Q1, Q2 and Q3. The charge pump output voltage, F/VOUT,
ranges from 2.0 V to 6.3 V depending on the input signal
frequency and the gain of the charge pump according to the
formula:
F VOUT + 2.0 V ) 2.0
FREQ
CCP
RT
(VREG * 0.7 V)
RT is a potentiometer used to adjust the gain of the F/V
output stage and give the correct meter deflection. The F/V
output voltage is applied to the function generator which
generates the sine and cosine output voltages. The output
voltage of the sine and cosine amplifiers are derived from the
on−chip amplifier and function generator circuitry. The
various trip points for the circuit (i.e., 0
°, 90°, 180°, 270°)
are determined by an internal resistor divider and the
bandgap voltage reference. The coils are differentially
driven, allowing bidirectional current flow in the outputs,
thus providing up to 305
° range of meter deflection. Driving
the coils differentially offers faster response time, higher
current capability, higher output voltage swings, and
reduced external component count. The key advantage is a
higher torque output for the pointer.
The output angle, q, is equal to the F/V gain multiplied by
the function generator gain:
q + AF V
AFG,
where:
AFG + 77° V(typ)
The relationship between input frequency and output
angle is:
q + AFG
2.0
FREQ
CCP
RT
(VREG * 0.7 V)
or,
q + 970
FREQ
CCP
RT
The ripple voltage at the F/V converter’s output is
determined by the ratio of CCP and C4 in the formula:
DV +
CCP(VREG * 0.7 V)
C4


Podobny numer części - CS8190EDWF20G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8190EDWF20G ONSEMI-CS8190EDWF20G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190EDWF20G ONSEMI-CS8190EDWF20G Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results

Podobny opis - CS8190EDWF20G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com