Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC898124EP1XC-MH Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części LC898124EP1XC-MH
Szczegółowy opis  Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898124EP1XC-MH Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button LC898124EP1XC-MH Datasheet HTML 2Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 3Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 4Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 5Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 6Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 7Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 8Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 9Page - ON Semiconductor LC898124EP1XC-MH Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LC898124EP1XC
www.onsemi.com
8
AC Characteristics
Power Sequence
AVDD30
VM
tR
Vbot
10%
2.6V
tOFF
Item
Symbol
Min
Typ
Max
Units
Rise time
tR
3
ms
Wait time
tW
100
ms
Botom Voltage
Vbot
0.2
V
Injection order between AVDD30 and VM is below.
SDA, SCL tolerate 3V input at the time of power off.
The data in the EEPROM may be rewritten unintentionally if you do not keep specifications.
And it is forbidden to power off during EEPROM access. The data in the EEPROM may be rewritten
unintentionally.
AVDD30
VM
tVMrd
tAVfd
VM
AVDD + 0.5V
(VM
3.3V)
2.6V
2.6V
tVMrd > 0ms
tAVfd > 0ms


Podobny numer części - LC898124EP1XC-MH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC898124EP1XC-MH ONSEMI-LC898124EP1XC-MH Datasheet
264Kb / 10P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
January 2017 - Rev. 0
More results

Podobny opis - LC898124EP1XC-MH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com