Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC898240 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LC898240
Szczegółowy opis  High Efficient Stepper Motor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898240 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LC898240 Datasheet HTML 5Page - ON Semiconductor LC898240 Datasheet HTML 6Page - ON Semiconductor LC898240 Datasheet HTML 7Page - ON Semiconductor LC898240 Datasheet HTML 8Page - ON Semiconductor LC898240 Datasheet HTML 9Page - ON Semiconductor LC898240 Datasheet HTML 10Page - ON Semiconductor LC898240 Datasheet HTML 11Page - ON Semiconductor LC898240 Datasheet HTML 12Page - ON Semiconductor LC898240 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LC898240
www.onsemi.com
9
REGISTER DESCRIPTION
E2PROM
Register Map
Addre
ss
from
to
Description
0000h
002Fh
initial default settings for the
main chip registers
0030h
003Fh
unused (filled by FFh)
0040h
03AFh
acceleration curve #0
03B0h
03BFh
unused (filled by FFh)
03C0h
072Fh
acceleration curve #1
0730h
073Fh
unused (filled by FFh)
0740h
0AAFh
acceleration curve #2
0AB0h
0ABFh
unused (filled by FFh)
0AC0h
0E2Fh
acceleration curve #3
0E30h
0E3Fh
unused (filled by FFh)
0E40h
11AFh
acceleration curve #4
11B0h
11BFh
unused (filled by FFh)
11C0h
152Fh
acceleration curve #5
1530h
153Fh
unused (filled by FFh)
1540h
18AFh
acceleration curve #6
18B0h
18BFh
unused (filled by FFh)
18C0h
1C2Fh
acceleration curve #7
1C30h
1C3Fh
unused (filled by FFh)
1C40h
1FAFh
acceleration curve #8
1FB0h
1FFFh
unused (filled by FFh)
Initial Default Settings
After the reset is released, the data written in the address
0000h to 002Fh of the E2PROM will be downloaded to
the same address of the main chip registers. This
function allows to set the initial default value for the
registers. The register setting can be overwritten
through the SPI.
Acceleration Curve
The E2PROM has the registers for nine acceleration
curves with 440 steps for each. The step interval time is
represented in 16-bit code.
��������������������������������=(��������������������������������+1)��������������������������������
Where,
��������������������������������: stepintervaltime[s]
��������������������������������: E2PROMdata.MSBinevenaddress,
and LSB in odd address.
��������������������������������: clockperiod[s]
The end of the acceleration curve sequence is set by
��������������������������������=FFFFh,andthemotorrotationiskeptin
the constant speed.


Podobny numer części - LC898240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC898240 ONSEMI-LC898240 Datasheet
531Kb / 23P
   Smooth Stepper Motor Controller
December 2015- Rev. P0
More results

Podobny opis - LC898240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
   STEPPER MOTOR CONTROLLER
logo
ON Semiconductor
LV8702V ONSEMI-LV8702V Datasheet
399Kb / 27P
   PWM Current Control High-efficient Stepper Motor Driver
December 2014 - Rev. 2
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com