Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC898240-WH Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części LC898240-WH
Szczegółowy opis  High Efficient Stepper Motor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898240-WH Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button LC898240-WH Datasheet HTML 2Page - ON Semiconductor LC898240-WH Datasheet HTML 3Page - ON Semiconductor LC898240-WH Datasheet HTML 4Page - ON Semiconductor LC898240-WH Datasheet HTML 5Page - ON Semiconductor LC898240-WH Datasheet HTML 6Page - ON Semiconductor LC898240-WH Datasheet HTML 7Page - ON Semiconductor LC898240-WH Datasheet HTML 8Page - ON Semiconductor LC898240-WH Datasheet HTML 9Page - ON Semiconductor LC898240-WH Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LC898240
www.onsemi.com
6
29. WSEL3, 30. WSEL2, 33. WSEL1 and 34. WSEL0
Acceleration Curve Selection
For IO port control mode:
-
WSEL[3:0] = 0h: the acceleration curve #0
-
WSEL[3:0] = 1h: the acceleration curve #1
-
WSEL[3:0] = 2h: the acceleration curve #2
-
WSEL[3:0] = 3h: the acceleration curve #3
-
WSEL[3:0] = 4h: the acceleration curve #4
-
WSEL[3:0] = 5h: the acceleration curve #5
-
WSEL[3:0] = 6h: the acceleration curve #6
-
WSEL[3:0] = 7h: the acceleration curve #7
-
WSEL[3:0] = 8h: the acceleration curve #8
-
WSEL[3:0] = 9h - Fh: N.A.
31. DVSS
Digital Ground
36. START
Motor Rotation Control
The bit STPSEL = 0: START acts as the step pulse
input
The bit STPSEL = 1: START acts as the start/stop
command input
37. DVDD1
Power Supply for the E2PROM and the Digital
Portion of the Main Chip
38. CSB, 39. SCK, 40. SI and 41. SO
SPI Interface
42. STS1 and 43. STS0
Status Output of LC898240
44. DVDD2
Power Supply for the Digital Portion of the Main
Chip
45. ST
Driver Standby
For IO port control mode:
-
The bit DERST = 0: ST signal input
-
The bit DERST = 1: ST signal input to
output to OE
For register control mode:
-
ST outputs the value of the bit ST_REG.
-
For the unipolar driver STK672-XXXX,
this pin must be open.
46. MD2, 47. MD1 and 48. MD0
Mode Switch
For IO port control mode: MD signal input
For register control mode: the value of the register
MD_REG is output.


Podobny numer części - LC898240-WH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC898240 ONSEMI-LC898240 Datasheet
531Kb / 23P
   Smooth Stepper Motor Controller
December 2015- Rev. P0
More results

Podobny opis - LC898240-WH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
   STEPPER MOTOR CONTROLLER
logo
ON Semiconductor
LV8702V ONSEMI-LV8702V Datasheet
399Kb / 27P
   PWM Current Control High-efficient Stepper Motor Driver
December 2014 - Rev. 2
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com