Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA16N50 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FQA16N50
Szczegółowy opis  Optimized Switch for Discontinuous Current Mode Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA16N50 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FQA16N50 Datasheet HTML 1Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 2Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 3Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 4Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 5Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 6Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 7Page - Fairchild Semiconductor FQA16N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN-9066
APPLICATION NOTE
In Figure 5, an IR camera was used to measure device
temperature. Three measurement points are a PFC diode and
two paralleled PFC MOSFETs. Even with small gate
resistor, the UniFET temperature is lower than the super-
junction device by around 10 degrees. The reason for this
lower temperature is smaller switching losses, as shown in
Figure 6. The UniFET switching-off energy loss at the peak
of AC input voltage is less than a half of the super-junction
device switching loss. There is a little plateau in the drain
current of the super-junction that makes switching-off loss
bigger. There was no such waveform in the bench test.
Perhaps it is due to different gate drive circuitry and printed
circuit board layout.
Recently,
dedicated
controllers
for
the
interleaved
discontinuous current mode power factor correction were
introduced to the market. The interleaved CRM PFC
technique is a good alternative solution to implement high-
density, cost-effective converters with an extended input
power range. It quickly became mainstream topology in
switching power supplies for flat panel displays because the
interleaving technique can reduce the total system cost
compared to CCM topology. Although it requires a pair of
boost inductors, boost switches, and rectifiers, it can use
small-sized
filters,
smaller
high-voltage
aluminum
electrolytic capacitor, a less-expensive 500V-rated boost
switches, and slower rectifiers. In addition, making the flat
panel TV slim is a trend and the smaller components are a
crucial requirement for a low-profile switching power
supply.
As the interleaving PFC is also operated in discontinuous
current mode, the UniFET can be quite competitive with the
super-junction device. To compare system performance, the
UniFET and the super-junction device were tested with an
interleaved DCM PFC evaluation board. The evaluation was
done using an interleaved CRM controller with phase
management. Two RURP860 ultrafast rectifiers are applied
as
boost
diodes.
The
test
conditions
are
set
as
VIN=115VAC/60Hz,RG(on)=10Ω,
RG(off)=3.9Ω,
room
temperature without fan, and an external bias for controller
supply voltage.
(a) Super-Junction Device
(b) UniFET
Figure 5. Device Temperature (Not Same Scale)
(a) Super-Junction Device
(b) UniFET
Figure 6. Switching-Off Energy Loss
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 4/3/09
5


Podobny numer części - FQA16N50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA16N50 FAIRCHILD-FQA16N50 Datasheet
754Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA16N50 ISC-FQA16N50 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FQA16N50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP1601A ONSEMI-NCP1601A Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
logo
EPCOS
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A6507-A375 EPCOS-B25667-A6507-A375 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A2157-A375 EPCOS-B25667-A2157-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A3167-A375 EPCOS-B25667-A3167-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5756-A175 EPCOS-B25667-A5756-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4277-A365 EPCOS-B25667-A4277-A365 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5117-A175 EPCOS-B25667-A5117-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5217-A175 EPCOS-B25667-A5217-A175 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8