Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q015 Arkusz danych(PDF) 3 Page - XP Power Limited

Numer części Q015
Szczegółowy opis  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

Q015 Arkusz danych(HTML) 3 Page - XP Power Limited

  Q015 Datasheet HTML 1Page - XP Power Limited Q015 Datasheet HTML 2Page - XP Power Limited Q015 Datasheet HTML 3Page - XP Power Limited Q015 Datasheet HTML 4Page - XP Power Limited Q015 Datasheet HTML 5Page - XP Power Limited Q015 Datasheet HTML 6Page - XP Power Limited Q015 Datasheet HTML 7Page - XP Power Limited Q015 Datasheet HTML 8Page - XP Power Limited Q015 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4752CM01
PAGE 3
WWW.XPPOWER.COM
Q SERIES
ELECTRICAL SPECIFICATIONS*3(100V - 900V)
Q MODELS - 0.50 Watt
QH MODELS - 1.25 Watt
OUTPUT
VOLTAGE*2
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P*5
DUAL OUTPUT (CENTER TAP): 0 TO (+) AND (-) Vout
0 to +/- 50 VDC
Q01CT
5.000 mA
<1.000 %
QH01CT
12.500 mA
<2.500 %
0 to +/- 75 VDC
Q015CT
3.333 mA
<0.500 %
QH015CT
8.333 mA
<1.125 %
0 to +/-100 VDC
Q02CT
2.500 mA
<0.250 %
QH02CT
6.250 mA
<1.125 %
0 to +/-125 VDC
Q025CT
2.000 mA
<0.250 %
QH025CT
5.000 mA
<1.125 %
0 to +/-150 VDC
Q03CT
1.667 mA
<0.250 %
QH03CT
4.167 mA
<1.125 %
0 to +/-175 VDC
Q035CT
1.429 mA
<0.250 %
QH035CT
3.571 mA
<1.125 %
0 to +/-200 VDC
Q04CT
1.250 mA
<0.100 %
QH04CT
3.125 mA
<0.500 %
0 to +/-225 VDC
Q045CT
1.111 mA
<0.150 %
QH045CT
2.778 mA
<0.625 %
0 to +/-250 VDC
Q05CT
1.000 mA
<0.150 %
QH05CT
2.500 mA
<0.625 %
0 to +/-300 VDC
Q06CT
0.833 mA
<0.100 %
QH06CT
2.083 mA
<0.500 %
0 to +/-350 VDC
Q07CT
0.714 mA
<0.250 %
QH07CT
1.786 mA
<0.625 %
0 to +/-400 VDC
Q08CT
0.625 mA
<0.300 %
QH08CT
1.563 mA
<1.0 %
0 to +/-450 VDC
Q09CT
0.556 mA
<0.250 %
QH09CT
1.389 mA
<1.0 %
PARAMETER
VALUE
INPUT VOLTAGE
0 to 5, 12, 15 or 24 VOLTS
TYPICAL TURN-ON VOLTAGE
<0.7 VOLTS
ISOLATION
< +/- 500 VDC BIAS ON OUTPUT RETURN (PIN4)
OUTPUT VOLTAGE TOLERANCE
+10%, -10% (AT 100% OUTPUT, FULL LOAD)
FREQUENCY
75-500KHZ (TYPICAL)
CONTROL PIN
0 to VIN (SEE PAGE 12 FOR DETAILS)
STORAGE TEMPERATURE
-55 to +105°C
STANDARD OPERATING TEMPERATURE
-25 to +70°C*4 (CASE)
EXTENDED OPERATING TEMPERATURE
-55 to +75°C*4 (CASE) [Q models / 0.5W]
INPUT CURRENT
Q MODELS - 0.50 Watt QH MODELS - 1.250 Watt
VIN
NO-LOAD FULL-LOAD NO-LOAD FULL-LOAD
5 VDC
<100 mA
<250 mA
<250 mA
<550 mA
12 VDC
<40 mA
<100 mA
<100 mA
<250 mA
15 VDC
<32 mA
<80 mA
<80 mA
<200 mA
24 VDC
<20 mA
<50 mA
<50 mA
<125 mA


Podobny numer części - Q015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerbox
Q01-12 POWERBOX-Q01-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q01-24 POWERBOX-Q01-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q01-5 POWERBOX-Q01-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Fairchild Semiconductor
Q0165R FAIRCHILD-Q0165R Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
Q0170R FAIRCHILD-Q0170R Datasheet
938Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
More results

Podobny opis - Q015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com