Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT164 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74HCT164
Szczegółowy opis  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT164 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74HCT164 Datasheet HTML 1Page - Diodes Incorporated 74HCT164 Datasheet HTML 2Page - Diodes Incorporated 74HCT164 Datasheet HTML 3Page - Diodes Incorporated 74HCT164 Datasheet HTML 4Page - Diodes Incorporated 74HCT164 Datasheet HTML 5Page - Diodes Incorporated 74HCT164 Datasheet HTML 6Page - Diodes Incorporated 74HCT164 Datasheet HTML 7Page - Diodes Incorporated 74HCT164 Datasheet HTML 8Page - Diodes Incorporated 74HCT164 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74HCT164
Document number: DS36280 Rev. 2 - 2
4 of 10
www.diodes.com
August 2015
© Diodes Incorporated
74HCT164
Absolute Maximum Ratings (Note 7) (TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 8)
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V or Vi > VCC +0.5V
±20
mA
IOK
Output Clamp Current
VO < -0.5V or VO > VCC +0.5V
±20
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current Through Vcc
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
7. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
8. Input Voltage cannot exceed Vcc to the extent the Maximum clamp current is exceeded.
Recommended Operating Conditions (Note 9) (TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
-
4.5
5.5
V
VI
Input Voltage
-
0
VCC
V
VO
Output Voltage
-
0
VCC
V
Δt/ΔV
Input transition rise or fall rate
VCC = 4.5V
-
140
ns/V
TA
Operating Free-Air Temperature
-
-40
+125
°C
Note:
9. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
TA = -40°C to
+85°C
TA = -40°C to +125°C
Unit
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High-Level
Input Voltage
-
4.5V to
5.5V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
Low-Level
Input Voltage
-
4.5V to
5.5V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
High-Level
Output Voltage
IOH = -20μA
4.5V
4.4
4.5
-
4.4
-
4.4
-
V
IOH = -4.0mA
4.5V
3.98
4.32
-
3.84
-
3.7
-
VOL
Low-level
Output Voltage
IOL = 20μA
4.5V
-
0
0.1
-
0.1
-
0.1
V
IOL = 4mA
4.5V
-
0.15
0.26
-
0.33
-
0.4
II
Input Current
VI =GND or
Vcc
6.0V
-
-
±0.1
-
± 1
-
± 1
μA
ICC
Supply Current
VI = GND or
VCC, IO = 0
6.0V
-
-
8.0
-
80
-
160
μA
∆ICC
Additional
Supply Current
VI=VCC-2.1V
IO = 0
Other inputs
at VCC or
GND.
4.5V to
5.5V
-
100
360
-
450
-
490
μA


Podobny numer części - 74HCT164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT164 PHILIPS-74HCT164 Datasheet
54Kb / 8P
   8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
74HCT164 PHILIPS-74HCT164 Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
logo
Nexperia B.V. All right...
74HCT164 NEXPERIA-74HCT164 Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
74HCT164-Q100 NEXPERIA-74HCT164-Q100 Datasheet
272Kb / 16P
   8-bit serial-in, parallel-out shift register
Rev. 2 - 11 June 2020
logo
NXP Semiconductors
74HCT164BQ PHILIPS-74HCT164BQ Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
More results

Podobny opis - 74HCT164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com