Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC373A Arkusz danych(PDF) 7 Page - Diodes Incorporated

Numer części 74LVC373A
Szczegółowy opis  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC373A Arkusz danych(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC373A Datasheet HTML 2Page - Diodes Incorporated 74LVC373A Datasheet HTML 3Page - Diodes Incorporated 74LVC373A Datasheet HTML 4Page - Diodes Incorporated 74LVC373A Datasheet HTML 5Page - Diodes Incorporated 74LVC373A Datasheet HTML 6Page - Diodes Incorporated 74LVC373A Datasheet HTML 7Page - Diodes Incorporated 74LVC373A Datasheet HTML 8Page - Diodes Incorporated 74LVC373A Datasheet HTML 9Page - Diodes Incorporated 74LVC373A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74LVC373A
Document number: DS35893 Rev. 1 - 2
7 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC373A
Marking Information
(1)
TSSOP20
Part Number
Package
74LVC373AT20
TSSOP-20
(2)
QFN-20 (V-QFN4525-20)
terminal 1
index area
(Top View )
YY WW X X
Logo
Part Number
(Top View )
Logo
Part Number
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
X
represents 52 and 53 week
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
X
represents 52 and 53 week
: Internal Codes
Part Number
Package
74LVC373AQ20
V-QFN4525-20
74LVC373A
74LVC373A


Podobny numer części - 74LVC373A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC373A STMICROELECTRONICS-74LVC373A Datasheet
289Kb / 13P
   OCTAL D-TYPE LATCH HIGH PERFORMANCE
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC373A-Q100 NEXPERIA-74LVC373A-Q100 Datasheet
741Kb / 19P
   Octal D-type transparent latch with 5 V tolerant
More results

Podobny opis - 74LVC373A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com