Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1604B Arkusz danych(PDF) 6 Page - Keysight Technologies

Numer części U1604B
Szczegółowy opis  Handheld Digital Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1604B Arkusz danych(HTML) 6 Page - Keysight Technologies

Back Button U1604B Datasheet HTML 2Page - Keysight Technologies U1604B Datasheet HTML 3Page - Keysight Technologies U1604B Datasheet HTML 4Page - Keysight Technologies U1604B Datasheet HTML 5Page - Keysight Technologies U1604B Datasheet HTML 6Page - Keysight Technologies U1604B Datasheet HTML 7Page - Keysight Technologies U1604B Datasheet HTML 8Page - Keysight Technologies U1604B Datasheet HTML 9Page - Keysight Technologies U1604B Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
06 | Keysight | U1600 Series Handheld Digital Oscilloscopes - Data Sheet
Probe attenuation factors
1x, 10x, 100x
Coupling
3 Vp-p, ~ 1 kHz
Maximum probe input
1x CAT III 300 VAC
10 x, 100x CAT III 600 VAC
Probes
U1560-60001: 1:1 passive probe
U1561-60001: 10:1 passive probe
U1562-60001: 100:1 passive probe
Noise peak-to-peak
3% of full scale or 5 mV, whichever is greater
DC vertical offset accuracy
± 0.1% div ± 2 mV ± 0.5% offset value
Single cursor accuracy
4% full scale
Dual cursor accuracy
4% full scale
Horizontal System
Range
U1602B: 50 ns to 50 s/div
U1604B: 10 ns to 50 s/div
Resolution
U1602B: 2 ns
U1604B: 400 ps
Reference position
Left, center, right
Delay range (pre-trigger)
15 divisions
Delay range (post-trigger)
1000 divisions
Analog
Dt accuracy
± 3% reading ± 0.4% screen
Modes
Main, XY, Roll
RMS Jitter
5% of horizontal scale or 5 ns, whichever is higher
Trigger System
Source
Channel 1 and Channel 2
Modes
Auto, normal, single
Selections
Edge
Pattern
Pulse Width
Video
Edge, pulse width, pattern, video
Trigger on a rising or falling edge of any source
Trigger at the beginning of a pattern of high, low levels and rising or falling edge established
conditions of AND, OR, NOR and NAND between the channels.
200 ns to 10 s. Trigger when a positive or negative pulse width of any source
larger than, less than, equal to or not equal to duration.
Video trigger sensitivity: 0.7 division trigger level.
Available to both Channel 1 and Channel 2.
Analog progressive and interlaced video standards including NTSC, PAL and SECAM.
Positive or negative sync pulse polarity.
Modes – all ields, even ields, odd ields or line 5 – 263 within a ield.
Range
± 4 divisions from center screen
Level accuracy
± 0.5 divisions
Trigger sensitivity
DC to 5 MHz: 0.8 divisions
U1602B: 5 MHz to 20 MHz – 1 division
U1604B: 5 MHz to 40 MHz – 1 division
Coupling
DC, AC (< 1 Hz), HF reject (> 50 kHz), LF reject (< 30 kHz), Noise reject


Podobny numer części - U1604B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Podobny opis - U1604B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com