Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1610A Arkusz danych(PDF) 8 Page - Keysight Technologies

Numer części U1610A
Szczegółowy opis  Handheld Digital Oscilloscopes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1610A Arkusz danych(HTML) 8 Page - Keysight Technologies

Back Button U1610A Datasheet HTML 4Page - Keysight Technologies U1610A Datasheet HTML 5Page - Keysight Technologies U1610A Datasheet HTML 6Page - Keysight Technologies U1610A Datasheet HTML 7Page - Keysight Technologies U1610A Datasheet HTML 8Page - Keysight Technologies U1610A Datasheet HTML 9Page - Keysight Technologies U1610A Datasheet HTML 10Page - Keysight Technologies U1610A Datasheet HTML 11Page - Keysight Technologies U1610A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
최대 입력 전압과 채널 절연
그림 5
. 스코프 참조 접지용 최대 안전 전압
그림 6
. 최대 입력 전압
U1610A 및U1620A
최대 입력 전압
직접 입력
CH1 및 CH2 (1:1 프로브)
300
V CAT III
입력
CH1 및 CH2 (1:10 프로브)
600
V1 CAT III, 1000 V1 CAT II
입력
CH1 및 CH2 (1:100 프로브)
600
V1 CAT II, 1000 V1 CAT II, 3540 V1 CAT I
미터 입력
600
V CAT III, 1000 V CAT II
스코프 입력
300
V CAT III
전압 등급
Vrms 50–60 Hz (AC 사인파), VDC (DC 어플리케이션)
채널 절연
모든 단자부터 접지까지 가능
600
Vrms CAT III
1
. 사양 관련 추가 정보는 각 프로브 설명서를 참조해 주십시오.
CAT ll 1000
1000
100
10
1
0.01
0.1
1
10
100
CAT lll 600
주파수
(KHz)
1000
100
10
1
0.0001 0.001
0.01
0.1
1
10
100
1000
Max input voltage
주파수
(MHz)
최대입력전압


Podobny numer części - U1610A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1610A KEYSIGHT-U1610A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Podobny opis - U1610A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com