Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1732C Arkusz danych(PDF) 6 Page - Keysight Technologies

Numer części U1732C
Szczegółowy opis  Keysight Technologies U1730C Series Handheld LCR Meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1732C Arkusz danych(HTML) 6 Page - Keysight Technologies

Back Button U1732C Datasheet HTML 2Page - Keysight Technologies U1732C Datasheet HTML 3Page - Keysight Technologies U1732C Datasheet HTML 4Page - Keysight Technologies U1732C Datasheet HTML 5Page - Keysight Technologies U1732C Datasheet HTML 6Page - Keysight Technologies U1732C Datasheet HTML 7Page - Keysight Technologies U1732C Datasheet HTML 8Page - Keysight Technologies U1732C Datasheet HTML 9Page - Keysight Technologies U1732C Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
06 | Keysight | U1730C Series Handheld LCR Meters – Data Sheet
Inductance
Range
Resolution
Accuracy = AL + Offset
U1731C/U1732C/U1733C
U1732C/U1733C
U1733C
100 Hz
120 Hz
1 kHz
10 kHz
100 kHz
20 μH
0.001 μH
NA
NA
NA
1.0% + 5
2.5% + 20
200 μH
0.01μH
NA
NA
1.0% + 5
0.7% + 3
2.5% + 20
2000 μH
0.1 μH
0.7% + 10
0.7% + 10
0.5% + 3
0.5% + 3
0.8% + 20
20 mH
0.001 mH
0.5% + 3
0.5% + 3
0.2% + 3
0.3% + 3
0.8% + 10
200 mH
0.01 mH
0.5% + 3
0.5% + 3
0.2% + 3
0.2% + 3
1.0% + 10
2000 mH
0.1 mH
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 5
1.0% + 10
20 H
0.001 H
0.2% + 3
0.2% + 3
0.5% + 5
1.0% + 5
2.0% + 10
200 H
0.01 H
0.7% + 5
0.7% + 5
1.0% + 5
2.0% + 8
NA
2000 H
0.1 H
1.0% + 5
1.0% + 5
2.0% + 8
NA
NA
Phase Angle of Impedance
Range
Resolution
Accuracy (θe)
Condition
–180° ~180°
0.1°/1°
(AZ + Offset/Zx) x180/π
D < 1 or Q > 1
Impedance
Zx
AZ
Offset
θe
1999.9 Ω
19999
0.2%
3
±0.12 °
199.9 Ω
1999
0.2%
3
±0.20 °
19.9 Ω
199
0.2%
3
±0.98 °
1.9 Ω
19
0.2%
3
±9.16 °
Notes:
a. Specifications are applicable to all models (U1731C, U1732C, and U1733C) unless specified
b. The “AZ” and Offset are the accuracy specified at impedance
c. The “π” is approximately 3.14159
Dissipation/Quality Factor
Function
Range
Accuracy (De)
Condition
Z
0.001~999
AZ + Offset/Zx x 100% + 3
D < 1 or Q > 1
L
0.001~999
AL + Offset/Lx x 100% + 3
D < 1 or Q > 1
C
0.001~999
AC + Offset/Cx x 100% + 3
D < 1 or Q > 1
Capacitance
Cx
AC
Offset
De
88.88 μF
8888
0.2%
3
0.334% + 3
Notes:
1. Specifications are applicable to all models (U1731C, U1732C, and U1733C) unless specified
2. The “AZ, AL, AC” and Offset are the accuracy specified at Impedance, Inductance, and Capacitance, respectively
3. The Zx, Lx, and Cx are the display count of the reading. For example, the Cx is 8888 as if the capacitance is 88.88 μF for the range of
200 μF.
4. The Quality Factor is the reciprocal of Dissipation Factor
U1731C/U1732C/U1733C Electrical Specifications


Podobny numer części - U1732C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U1732C ETC2-U1732C Datasheet
57Kb / 1P
   Di (2?릂thylhexyl) phthalate (DEHP)
logo
Agilent(Hewlett-Packard...
U1732C HP-U1732C Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Podobny opis - U1732C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
Z2090B-032 KEYSIGHT-Z2090B-032 Datasheet
961Kb / 5P
   Keysight Technologies Signal Simulation Test System
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1730 HP-U1730 Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730C HP-U1730C Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com