Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA-2405D1HLF Arkusz danych(PDF) 2 Page - Bothhand USA, LP.

Numer części BA-2405D1HLF
Szczegółowy opis  0.5 To 1 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2405D1HLF Arkusz danych(HTML) 2 Page - Bothhand USA, LP.

  BA-2405D1HLF Datasheet HTML 1Page - Bothhand USA, LP. BA-2405D1HLF Datasheet HTML 2Page - Bothhand USA, LP. BA-2405D1HLF Datasheet HTML 3Page - Bothhand USA, LP. BA-2405D1HLF Datasheet HTML 4Page - Bothhand USA, LP. BA-2405D1HLF Datasheet HTML 5Page - Bothhand USA, LP. BA-2405D1HLF Datasheet HTML 6Page - Bothhand USA, LP. BA-2405D1HLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
BA-1205DH LF
5
100
18
56
60
± 10
74
BA-1209DH LF
9
56
18
55
80
± 8
76
BA-1212DH LF
12
42
18
55
100
± 8
76
BA-1215DH LF
12
15
34
18
55
120
±8
76
BA-2405SH LF
5
100
5
28
60
± 10
74
BA-2409SH LF
9
56
5
28
80
± 8
75
BA-2412SH LF
12
42
5
28
100
± 8
75
BA-2415SH LF
24
15
34
5
28
120
± 8
75
3) 1.0 W Single Output SIL Package Style
BA-053R3S1H LF
3.3
300
30
263
50
± 12
76
BA-0505S1H LF
5
200
30
253
60
± 10
79
BA-0509S1H LF
9
111
30
256
100
± 8
78
BA-0512S1H LF
12
84
30
256
100
± 8
78
BA-0515S1H LF
5
15
67
30
250
120
± 8
80
BA-123R3S1H LF
3.3
300
16
109
50
± 12
76
BA-1205S1H LF
5
200
16
105
60
± 10
79
BA-1209S1H LF
9
111
16
105
60
± 8
79
BA-1212S1H LF
12
84
16
105
100
± 8
79
BA-1215S1H LF
12
15
67
16
104
120
± 8
80
BA-243R3S1H LF
3.3
300
6
55
50
± 12
76
BA-2405S1H LF
5
200
6
54
60
± 10
77
BA-2409S1H LF
9
111
6
54
60
± 8
77
BA-2412S1H LF
12
84
6
52
100
± 8
80
BA-2415S1H LF
24
15
67
6
50
120
± 8
80
4) 1.0 W Single Output DIL Package Style
BA-0505D1H LF
5
200
30
253
60
± 10
79
BA-0509D1H LF
9
111
30
256
100
± 8
78
BA-0512D1H LF
12
84
30
256
100
± 8
78
BA-0515D1H LF
5
15
67
30
250
120
± 8
80
BA-1205D1H LF
5
200
16
105
60
± 10
79
BA-1209D1H LF
9
111
16
105
60
± 8
79
BA-1212D1H LF
12
84
16
105
100
± 8
79
BA-1215D1H LF
12
15
67
16
104
120
± 8
80
BA-2405D1H LF
5
200
6
54
60
± 10
77
BA-2409D1H LF
9
111
6
54
60
± 8
77
BA-2412D1H LF
12
84
6
52
100
± 8
80
BA-2415D1H LF
24
15
67
6
50
120
± 8
80
Notes:
Load regulation is for output current change from 20% to 100% Max. Load.
BOTHHAND USA sales@bothhandusa.com


Podobny numer części - BA-2405D1HLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BA-2405D1HLF BOTHHAND-BA-2405D1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results

Podobny opis - BA-2405D1HLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com