Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC809202F Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC809202F
Szczegółowy opis  Battery Monitor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC809202F Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC809202F Datasheet HTML 1Page - ON Semiconductor LC809202F Datasheet HTML 2Page - ON Semiconductor LC809202F Datasheet HTML 3Page - ON Semiconductor LC809202F Datasheet HTML 4Page - ON Semiconductor LC809202F Datasheet HTML 5Page - ON Semiconductor LC809202F Datasheet HTML 6Page - ON Semiconductor LC809202F Datasheet HTML 7Page - ON Semiconductor LC809202F Datasheet HTML 8Page - ON Semiconductor LC809202F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LC709202F
No.A2173-4/10
Absolute Maximum Ratings
at Ta=25
°C, VSS=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Unit
VDD[V]
min
typ
max
Maximum supply
voltage
VDD max
VDD1, VDD2
-0.3
+6.5
V
Input voltage
VI (1)
RESB, TSENSE
-0.3
VDD1
+0.3
Output voltage
Vo (1)
TSW
-0.3
VDD1
+0.3
Vo (2)
ALARMB
-0.3
Input/output voltage
VIO (1)
SDA, SCL
-0.3
+5.5
Allowable power
dissipation
Pd max
VCT16
Ta=-40 to+85
°C
55
mW
Operating ambient
temperature
Topr
-40
+85
°C
Storage ambient
temperature
Tstg
-55
+125
Allowable Operating Conditions
at Ta= -40 to +85
°C, VSS=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
unit
VDD[V]
min
typ
max
Operating supply
voltage
VDD (1)
VDD1
2.5
4.5
V
High level input
voltage
VIH (1)
TSENSE
2.5 to 4.5
0.70VDD1
VDD1
VIH (2)
RESB
2.5 to 4.5
0.75VDD1
VDD1
VIH (3)
SDA, SCL
VDD2=1.6V to 5.5V
2.5 to 4.5
0.70VDD2
VDD2
Low level input
voltage
VIL (1)
TSENSE
2.5 to 4.5
VSS
0.25VDD1
VIL (2)
RESB
2.5 to 4.5
VSS
0.25VDD1
VIL (3)
SDA, SCL
VDD2=1.6V to 5.5V
2.5 to 4.5
VSS
0.30VDD2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Podobny numer części - LC809202F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
LC80 MICROSEMI-LC80 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC80 MICROSEMI-LC80 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC80 MICROSEMI-LC80 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC80 NJSEMI-LC80 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Polyfet RF Devices
LC801 POLYFET-LC801 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results

Podobny opis - LC809202F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
   Battery Monitor and Protective Discharge IC
logo
Texas Instruments
BQ2023 TI1-BQ2023_16 Datasheet
1Mb / 32P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
   Battery Monitor
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com