Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11852FV-MPB-E Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części LB11852FV-MPB-E
Szczegółowy opis  For Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852FV-MPB-E Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button LB11852FV-MPB-E Datasheet HTML 4Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 5Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 6Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 7Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 8Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 9Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 10Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 11Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LB11852FV
No.A1112-10/12
4. Procedure for calculating the constant
〈RC pin〉
The slope shown in the speed control diagram is determined by the constant of the RC pin.
1) Obtain the FG signal frequency fFG (Hz) at the maximum rotational speed of the motor
(with two FG pulses per rotation).
fFG (Hz) = 2 rpm/60 … (1)
2) Obtain the time constant of the components connected to the RC pin
(use the duty ratio (example : 100% = 1.0 or 60% = 0.6) as the CTL duty ratio for achieving the maximum rotational
speed).
R
× C = Duty ratio/ (3.3 × 1.1 × fFG) … (2)
3) Obtain the resistance and the capacitance of the capacitor.
Based on the discharge capability of the RC pin, the capacitance of the capacitor which can be used is in the range of
0.01
μF to 0.015μF.
Therefore, obtain the appropriate resistance from the result of (2) above using the formula in (3) or (4) below.
R = (R
× C)/0.01μF … (3)
R = (R
× C)/0.015μF … (4)
The temperature characteristics of the curve are determined by the temperature characteristics of the capacitor of the
RC pin. To minimize the variations in the rotational speed caused by temperature, a capacitor with excellent
temperature characteristics must be used.
(RPM)
Motor
at maximum speed
0%
100%
CTL Duty(%)


Podobny numer części - LB11852FV-MPB-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
More results

Podobny opis - LB11852FV-MPB-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Rohm
BH6766FVM ROHM-BH6766FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com