Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1250 Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard)

Numer części U1250
Szczegółowy opis  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1250 Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button U1250 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 11Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 12Page - Agilent(Hewlett-Packard) U1250 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
DISPLAY
Both primary and secondary displays are 5-digit on the LCD display.
Both the primary and secondary displays offer a maximum resolution
of 50,000 counts. Automatic polarity indication.
POWER CONSUMPTION
105 mVA / 420 mVA (with backlight) maximum (U1251A/U1251B)
165 mVA / 480 mVA (with backlight) maximum (U1252A/U1252B)
420 mVA maximum (U1253A/U1253B)
BATTERY TYPE
9 V Alkaline battery (ANSI/NEDA 1604A or IEC 6LR61)
9 V Carbon-zinc battery (ANSI/NEDA 1604D or IEC6F22)
7.2 V or 8.4 V Ni-MH Rechargeable battery
BATTERY LIFE
U1251A/U1251B: 72 hours typical
U1252A/U1252B: 36 hours typical
U1253A/U1253B: 8 hours typical
OPERATING ENVIRONMENT
• Full accuracy at –20 oC to 55 oC ; and to 80% RH for temperatures
up to 35 °C, decreasing linearly to 50% RH at 55 °C
• 0 to 2000 m altitude per IEC 61010-1 2nd Edition CAT III, 1000 V
/ CAT IV, 600 V
STORAGE COMPLIANCE
–40 oC to 70 oC with battery removed
SAFETY COMPLIANCE
• IEC 61010-1:2001 / EN610101-1:2001
• Canada: CSA C22.2 No. 61010-1:2004
MEASUREMENT CATEGORY
CAT III 1000 V / CAT IV 600 V
EMC COMPLIANCE
Certified to IEC/EN 61326: 2002, CISPR 11, and equivalents for
Group 1, Class A
COMMON MODE REJECTION RATIO (CMRR)
U1251A/U1251B/U1252A/U1252B: >90 dB at DC, 50/60 Hz ± 0.1%
(1 kW unbalanced)
U1253A/U1253B: >100 dB at DC, 50/60 Hz ± 0.1% (1 kW unbalanced)
NORMAL MODE REJECTION RATIO (NMRR)
U1251A/U1251B/U1252A/U1252B: >60 dB at DC, 50/60 Hz ± 0.1%
U1253A/U1253B: >90 dB at DC, 50/60 Hz ± 0.1%
TEMPERATURE COEFFICIENT
0.15 * (specified accuracy)/oC (from 20 oC to 18 oC or 28 oC to 55 oC)
SHOCK and VIBRATION
Tested to IEC/EN 60068-2
DIMENSIONS (HxWxD)
203.5 mm x 94.4 mm x 59.0 mm
WEIGHT
U1251A/U1251B: 504±5 g with battery
U1252A/U1252B/U1253A/U1253B: 527±5 g with battery
CHARGING TIME (only U1252A/3A)
< 220 minutes approx. at the environment of 10 oC to 30 oC
WARRANTY
3 years for main unit
3 months for standard accessories unless otherwise specified.
GENERAL SPECIFICATIONS


Podobny numer części - U1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
More results

Podobny opis - U1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com