Zakładka z wyszukiwarką danych komponentów |
|
U1182A Arkusz danych(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
U1182A Arkusz danych(HTML) 8 Page - Agilent(Hewlett-Packard) |
8 / 19 page 8 MEASURING RATE FUNCTION TIMES/SECOND ACV 7 ACV + dB 7 DCV 7 AC + DC V 2 W /nS 14 Diode 14 Capacitance 4 (< 100 µF) DCI 7 ACI 7 AC + DC I 2 Temperature 6 Frequency 1 (>10 Hz) Duty cycle/Pulse width 0.5 (>10 Hz) DECIBEL (dB) CALCULATION dB BASE REFERENCE DEFAULT REFERENCE 1 mW (dBm) 1-9999 W 50 W 1 V (dBV) 1 V 1 V MANUAL AND INTERVAL DATA LOGGING LOGGING TYPE MAXIMUM DATA POINTS[5] U1251A U1252A U1253A MANUAL 100 100 100 INTERVAL 200 200 1000 [1] All frequency counters are susceptible to errors. Shielding inputs from external noise pickup is critical to minimize measurement errors. For non-square wave signals, add 5 counts. [2] Output impedance: 3.5 kW maximum. [3] The positive or negative pulse width must be greater than 50 µs for adjustment of the duty cycle or pulse width under different frequencies. Otherwise, the accuracy and range will be different from the specifications defined. [4] For signal frequencies greater than 1 kHz, an addition of 0.1% per kHz is added to the accuracy. [5] For data logging to PC, maximum number of data points is dependent on available hard disk space. [6] For the U1253A/U1253B model. [1] For 5 V to 1000 V range, the specified input impedance in parallel with 10 MW at dual display. [2] The specified input impedance (nominal) in parallel with <100 pF. Table A INPUT IMPEDANCE FUNCTION RANGE INPUT IMPEDANCE DC Voltage[1] 50.000 mV 10.00 MW 500.00 mV 10.00 MW 1000.0 mV 10.00 MW 5.0000 V 11.10 MW 50.000 V 10.10 MW 500.00 V 10.01 MW 1000.0 V 10.001 MW AC Voltage[2] 50.000 mV 10.00 MW 500.00 mV 10.00 MW 1000.0 mV 10.00 MW 5.0000 V 10.00 MW 50.000 V 10.00 MW 500.00 V 10.00 MW 1000.0 V 10.00 MW AC + DC Voltage[2] 50.000 mV 10.00 MW 500.00 mV 10.00 MW 1000.0 mV 10.00 MW 5.0000 V 11.10 MW || 10 MW 50.000 V 10.10 MW || 10 MW 500.00 V 10.01 MW || 10 MW 1000.0 V 10.001 MW || 10 MW |
Podobny numer części - U1182A |
|
Podobny opis - U1182A |