Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTBA6C15H8 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTBA6C15H8
Szczegółowy opis  N- And P-Channel Enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15H8 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTBA6C15H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C938H8
Issued Date : 2016.09.06
Revised Date : 2016.09.12
Page No. : 3/14
MTBA6C15H8
CYStek Product Specification
*Qg
-
12
-
*Qgs
-
1.4
-
*Qgd
-
3.2
-
nC
VDS=120V, ID=2.5A, VGS=10V
Body Diode
*IS
-
-
2.4
*ISM
-
-
10
A
*VSD
-
0.8
1.3
V
VGS=0V, IS=3A
*trr
-
48
-
ns
*Qrr
-
79
-
nC
IF=3A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
P-Channel Electrical Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-150
-
-
VGS=0V, ID=-250μA
VGS(th)
-1.0
-
-2.5
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS=-120V, VGS=0V
IDSS
-
-
-25
μA
VDS=-120V, VGS=0V, Tj=125
°C
-
257
335
ID=-1.5A, VGS=-10V
*RDS(ON)
-
275
365
m
Ω
ID=-1A, VGS=-4.5V
*GFS
-
5.8
-
S
VDS=-10V, ID=-1.5A
Dynamic
Ciss
-
1012
-
Coss
-
68
-
Crss
-
34
-
pF
VDS=-25V, VGS=0V, f=1MHz
*td(ON)
-
9
-
*tr
-
18.2
-
*td(OFF)
-
58.4
-
*tf
-
533.6
-
ns
VDS=-75V, ID=-1.5A, VGS=-10V, RG=6Ω
*Qg
-
24.6
-
*Qgs
-
2.7
-
*Qgd
-
6.1
-
nC
VDS=-120V, ID=-1.5A, VGS=-10V
Body Diode
*IS
-
-
-2
*ISM
-
-
-8
A
*VSD
-
-0.79
-1.3
V
VGS=0V, IS=-2.5A
*trr
-
28
-
ns
*Qrr
-
35
-
nC
IF=-1.5A dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Podobny numer części - MTBA6C15H8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTBA6C15J4-0-T3-G CYSTEKEC-MTBA6C15J4-0-T3-G Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8-0-T3-G CYSTEKEC-MTBA6C15Q8-0-T3-G Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Podobny opis - MTBA6C15H8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com