Zakładka z wyszukiwarką danych komponentów |
|
STDA130-S08 Arkusz danych(PDF) 2 Page - Vitec Power |
|
STDA130-S08 Arkusz danych(HTML) 2 Page - Vitec Power |
2 / 2 page Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 260 VAC Input Frequency 47 63 Hz Power Factor Correction Io=Full load, Vin=230VAC 0.95 1.00 Output Power Range Vin=90 to 260VAC 0 130 W Input Current (Low Line) Io=Full load, Vin=115VAC 1.7 3.2 A Input Current (High Line) Io=Full load, Vin=230VAC 0.7 1.7 A Low Line Inrush Current Io=Full load, 25°C ,Cool start, Vin=115VAC 15 30 A High Line Inrush Current Io=Full load, 25°C, Cool start, Vin=230VAC 30 60 A Efficiency Io=Full Load, Vin=230VAC 80 85 % Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 3 10 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 50 mS Start Up Time Io=Full Load, Vin=100VAC 0.3 1 2 S * Ripple & Noise (Peak to Peak) Full Load, Vin=90VAC 0.5 1 % Safety Ground Leakage Current Io=Full Load, Vin=240VAC 0.5 0.75 mA Temperature Coefficient All output -0.04 0.04 %/°C * The Ripple & Noise is under 3.3VDC at 2% max Conditions Parameter Test Conditions Min. Typ. Max. Unit Operating Temperature 0 25 70 °C Storage Temperature -40 85 °C Relative Humidity 5 95 % Operation temperature at 25°C, calculated per MIL-HDBK-217F 0.1M Hrs Derate linearly from 100% load at 25°C to 50% load at 70°C Approvals and Compliance Parameter Test Conditions Min. Unit Dielectric Withstanding Voltage for Primary to secondary Primary to secondary 4242 VDC Dielectric Withstanding Voltage for Primary to Ground Primary to ground 2121 VDC Isolation Resistance Test Voltage = 500VDC 50 MΩ EMI requirements for CISPR-22 Vin=220VAC B CLASS EMI requirements for FCC PART-15 Vin=110VAC B CLASS Mechanical and PIN out Note: 1. Dimensions are shown in mm & inch 2. Weight: 750~916g approx (Exclude the input cord) 3. Optional output connector. |
Podobny numer części - STDA130-S08 |
|
Podobny opis - STDA130-S08 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |