Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STUA61-Q03-3 Arkusz danych(PDF) 1 Page - Vitec Power

Numer części STUA61-Q03-3
Szczegółowy opis  63W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA61-Q03-3 Arkusz danych(HTML) 1 Page - Vitec Power

  STUA61-Q03-3 Datasheet HTML 1Page - Vitec Power STUA61-Q03-3 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STUA61 SERIES
63W U-Bracket Power Supply for I.T. Equipment
Wide Input Voltage90 to 264 VAC, 47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3061(or 09-50-3081) and Molex 2478 series
crimp terminal
Size: 3.2"x5"x1.38"
Input Surge Current, Over Voltage, Over Load, and Output Voltage Protection
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Output Current
Total Regulation
Max Output Power
STUA61-S01
03 ~ 05 VDC
16.6 ~ 10.0 A
5%
50W
STUA61-S02
05 ~ 06 VDC
11.0 ~ 9.16 A
5%
55W
STUA61-S03
06 ~ 08 VDC
10.0 ~ 7.50 A
4%
60W
STUA61-S04
08 ~ 11 VDC
7.87 ~ 5.72 A
3%
63W
STUA61-S05
11 ~ 13 VDC
5.72 ~ 4.84 A
3%
63W
STUA61-S06
13 ~ 16 VDC
4.84 ~ 3.93 A
3%
63W
STUA61-S07
16 ~ 21 VDC
3.93 ~ 3.00 A
3%
63W
STUA61-S08
21 ~ 27 VDC
3.00 ~ 2.33 A
2%
63W
STUA61-S09
27 ~ 33 VDC
2.33 ~ 1.90 A
2%
63W
STUA61-S10
33 ~ 40 VDC
1.90 ~ 1.57 A
2%
63W
STUA61-S11
40 ~ 50 VDC
1.57 ~ 1.26 A
2%
63W
Multi Output
Part Number
Output 1
Output 2
Output 3
Output 4
Max Output
Power
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax
STUA61-D00
+3.3V
1.4A
7A
6%
+12V
0.6A
3A
5%
59.1W
STUA61-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
STUA61-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
STUA61-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
STUA61-D04
+3.3V
1.4A
7A
6%
+5V
0.5A
5A
5%
48.1W
STUA61-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
STUA61-D18
+3.3V
0.5A
5A
6%
+48V
0.1A
1.25A
5%
63W
STUA61-D19
+5V
0.1A
5A
5%
+28V
0.2A
2A
5%
63W
STUA61-D20
+5V
0.5A
5A
5%
+35V
0.1A
1.5A
5%
63W
STUA61-D21
+5V
0.5A
5A
5%
+36V
0.1A
1.5A
5%
63W
STUA61-T00
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
STUA61-T00-1
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
STUA61-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
STUA61-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
STUA61-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
STUA61-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
STUA61-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
STUA61-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
STUA61-T04
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-24V
0A
0.5A
5%
63W
STUA61-T04-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+24V
0A
0.5A
5%
63W
STUA61-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
STUA61-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
STUA61-T06
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
STUA61-T06-1
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
STUA61-T07
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
-10V
0A
1A
5%
60W
STUA61-T07-1
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
+10V
0A
1A
5%
60W
STUA61-T08
+3.3V
0.5A
5A
6%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
STUA61-T08-1
+3.3V
0.5A
5A
6%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
STUA61-Q00
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STUA61-Q00-1
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STUA61-Q00-2
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STUA61-Q00-3
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STUA61-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STUA61-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STUA61-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STUA61-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STUA61-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
STUA61-Q02-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
STUA61-Q02-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
STUA61-Q02-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
STUA61-Q03
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
STUA61-Q03-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
STUA61-Q03-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
STUA61-Q03-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
STUA61-Q04
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W


Podobny numer części - STUA61-Q03-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STUA61-Q03-3 Vitec-STUA61-Q03-3 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results

Podobny opis - STUA61-Q03-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61-SERIES Vitec-SIUA61-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com