Zakładka z wyszukiwarką danych komponentów |
|
CAS-220TA Arkusz danych(PDF) 3 Page - Copal Electronics |
|
CAS-220TA Arkusz danych(HTML) 3 Page - Copal Electronics |
3 / 6 page CAS SLIDE SWITCHES (SMD) ■ STANDARD SPECIFICATIONS Operating temp. range 保存温度範囲 Storage temp. range Sealing Net weight − 40 ~ 85 °C Washable type available with seal tape Approx. 0.05g (CAS-120) Approx. 0.08g (CAS-220/D20) Operating force Stop strength Solderability Soldering heat Shear (Adhesion) Substrate bending Pull-off strength { } : Reference only 0.5 ~ 5 N {0.05 ~ 0.51 kgf} 10 N {1.02 kgf}, 60 s 245 ± 3 °C, 2 ~ 3 s Reflow :255 °C (Peak temperature) (Please refer to the profile below) Manual soldering :350 ± 10 °C, 3 ~ 4 s 5 N {0.51 kgf} 10 s Width 90 mm, bend 3 mm, 5 s, 1 time 5 N {0.51 kgf} 10 s ■ MECHANICAL CHARACTERISTICS Contact rating Non-switching Switching Minimum Contact resistance Insulation resistance Dielectric strength DC50 V 100 mA DC6 V, 100 mA DC24 V, 25 mA DC20 mV 1 μA 50 m Ω maximum 1000 M Ω (DC100 V) minimum AC500 V, 60 s Vibration Shock Load life Humidity High temp. exposure Low temp. exposure Thermal shock (Amplitude) 1.5 mm or (Acceleration) 98 m/s 2, 10-500 Hz, 3 directions for 10 cycles each 490 m/s 2, 11 ms 6 directions for 3 times each Continuous load 2000 cycles, DC6 ± 0.5 V, 100 ± 10 mA −10 ~ 65 °C, Relative humidity 0 ~ 96 %, 24 h for 10 cycles 85 °C, 96 h −40 °C, 96 h −40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles ■ ELECTRICAL CHARACTERISTICS ■ ENVIRONMENTAL CHARACTERISTICS 〈Reflow profile for soldering heat evaluation〉 Reflow : two times maximum Peak : 250 Over 230 C Pre Heating Zone 180 C (C) 250 200 150 100 50 150 C 90 30 s 30 10 s Soldering Zone Heating time C +5 0 |
Podobny numer części - CAS-220TA |
|
Podobny opis - CAS-220TA |