Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPL5110-Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPL5110-Q1
Szczegółowy opis  AEC-Q100 Nano-Power System Timer with Watchdog Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110-Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPL5110-Q1 Datasheet HTML 6Page - Texas Instruments TPL5110-Q1 Datasheet HTML 7Page - Texas Instruments TPL5110-Q1 Datasheet HTML 8Page - Texas Instruments TPL5110-Q1 Datasheet HTML 9Page - Texas Instruments TPL5110-Q1 Datasheet HTML 10Page - Texas Instruments TPL5110-Q1 Datasheet HTML 11Page - Texas Instruments TPL5110-Q1 Datasheet HTML 12Page - Texas Instruments TPL5110-Q1 Datasheet HTML 13Page - Texas Instruments TPL5110-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
WAKE
DONE
RSTn
DELAY/
M_RST
ttM_RSTt
ttDBt
ttRSTn+ tIPt
ttIPt
ttM_RSTt
NOT VALID M_RST
VALID M_RST
ANY RESET
10
TPL5010-Q1
SNAS679 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TPL5010-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
8.5.2 Manual Reset
If VDD is connected to the DELAY/M_RST pin, the TPL5010-Q1 recognizes this as a manual reset condition. In
this case the time interval is not set. If the manual reset is asserted during the POR or during the reading
procedure, the reading procedure is aborted and is re-started as soon as the manual reset switch is released. A
pulse on the DELAY/M_RST pin is recognized as a valid manual reset only if it lasts at least 20 ms (observation
time is 30 ms).
A valid manual reset resets all the counters inside the TPL5010-Q1. The counters restart only when the high
digital voltage at DELAY/M_RST is removed and the next tRSTn is elapsed.
Figure 10. Manual Reset
8.5.2.1 DELAY/M_RST
A resistance in the range between 500 Ω and 170 kΩ needs to be connected in order to select a valid time
interval. At the POR and during the reading of the resistance the DELAY/M_RST is connected to an analog
signal chain though a mux. After the reading of the resistance the analog circuit is switched off and the
DELAY/RST is connected to a digital circuit.
The manual reset detection is supported with a de-bounce feature which makes the TPL5010-Q1 insensitive to
the glitches on the DELAY/M_RST pin. When a valid manual reset signal is asserted on the DELAY/M_RST pin,
the RSTn signal is asserted LOW after a delay of tM_RST. It remains LOW after a valid manual reset is asserted +
tDB + tRSTn. Due to the asynchronous nature of the manual reset signal and its arbitrary duration, the LOW status
of the RSTn signal maybe affected by an uncertainty of about ±5 ms.
A valid manual reset puts all the digital output signals at their default values:
WAKE = LOW
RSTn = asserted LOW
8.5.2.2 Circuitry
The manual reset may be implemented using a switch (momentary mechanical action). The TPL5010-Q1 offers 2
possible approaches according to the power consumption constraints of the application.


Podobny numer części - TPL5110-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

Podobny opis - TPL5110-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
   Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com