Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA1-0515LF Arkusz danych(PDF) 5 Page - Bothhand USA, LP.

Numer części SA1-0515LF
Szczegółowy opis  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-0515LF Arkusz danych(HTML) 5 Page - Bothhand USA, LP.

  SA1-0515LF Datasheet HTML 1Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 2Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 3Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 4Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 5Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 6Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 7Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 8Page - Bothhand USA, LP. SA1-0515LF Datasheet HTML 9Page - Bothhand USA, LP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD Single O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
5
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
℃ , Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
3.3V Input Model
2.97
3.3
3.63
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
15V Input Model
13.5
15
15.5
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Output Voltage Accuracy
---
3.0
5.0
%
Output Voltage Balance
---
---
±1.0
---
Switching Frequency
60
100
150
KHz
Temperature Coefficient
Nominal Input
---
±0.01
±0.02
%/ ℃
60 Second
1000
---
---
Vdc
Isolation Voltage
60 Second
3000
---
---
Vdc
Isolation Resistance
500Vdc
1000
---
---
3.3V Input Model
---
12
---
5V Input Model
---
16
---
12V Input Model
---
16
---
15V Input Model
---
16
---
Isolation Capacitance
24V Input Model
---
16
---
pF
Max. Line Regulation (Per1.0% change in input change)
---
---
---
1.5
%
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-40℃ ~ +85℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
Storage Temperature
-55℃ ~ +125℃
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---


Podobny numer części - SA1-0515LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
SA1-0515LF BOTHHAND-SA1-0515LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

Podobny opis - SA1-0515LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com