Zakładka z wyszukiwarką danych komponentów |
|
CS-4-22XC Arkusz danych(PDF) 1 Page - Copal Electronics |
|
CS-4-22XC Arkusz danych(HTML) 1 Page - Copal Electronics |
1 / 7 page ※ Please refer to the LIST OF PART NUMBERS when placing orders. O RoHS compliant O Optimum for high density board mounting applications O Compatible with most automatic pick & place machinery (J-hook and Gull wing types only) O Compatible with reflow and wave soldering O Protection against dust and washable after soldering O Excellent reliability due to precious metal contact ■ FEATURES INTERNAL STRUCTURE Part name ① ② ③ ④ ⑤ ⑥ ⑦ Rotor Cover “O” ring Fixed contact Terminal pin Housing Slider contact Material Flammability UL94V-0 UL94HB UL94V-0 Polyphenylenesulphide Stainless steel (SUS 304) Silicone rubber Copper alloy, Gold-plated Epoxy ※ LCP ( LC polymer) Multi metal alloy ※:1 pole 4 contacts only ■ PART NUMBER DESIGNATION CS-4 - 1 3 N T A Series name No. of poles 1:1 pole 2:2 poles No. of contacts 2:2 contacts 3:3 contacts 4:4 contacts Shape of terminal A:J-hook B:Gull wing C:Through hole pins Form of packaging T:Taping (Reel) Blank:Bulk in plastic bag Contact timing N:Non-shorting (1 pole 3, 4 contacts only) Y:Non-shorting with neutral detent (1pole 2 contacts, 2 poles 2 contacts) X:Non-shorting without neutral detent (1 pole 2 contacts only) CS-4 ROTARY SELECTOR SWITCHES (SMD) ① ④ ⑥ ⑦ ⑤ ② ③ RoHS compliant |
Podobny numer części - CS-4-22XC |
|
Podobny opis - CS-4-22XC |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |