Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN5-24-1PM-C Arkusz danych(PDF) 1 Page - Artesyn Technologies

Numer części ADN5-24-1PM-C
Szczegółowy opis  Total Power: 120-960 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ARTESYN [Artesyn Technologies]
Strona internetowa  
Logo ARTESYN - Artesyn Technologies

ADN5-24-1PM-C Arkusz danych(HTML) 1 Page - Artesyn Technologies

  ADN5-24-1PM-C Datasheet HTML 1Page - Artesyn Technologies ADN5-24-1PM-C Datasheet HTML 2Page - Artesyn Technologies ADN5-24-1PM-C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
ADN-C Series
120 - 960 Watts
Total Power: 120-960 Watts
Input Voltage: 85-264 Vac,
90-375 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Slim form factor
ƒ
Five year warranty
ƒ
High efficiency > 90% Typ.
ƒ
Full power at 60 °C
ƒ
Power Boost™
ƒ
Industrial grade design
• Metal mounting clip
• Metal case
ƒ
MTBF > 450,000h demonstrated
at 40 °C
ƒ
Active PFC > 0.92
ƒ
Adjustable output
ƒ
Overvoltage protection with
autorecovery
ƒ
Continuous short circuit and overload
protection
ƒ
SEMI F47 Sag Immunity
ƒ
New visual diagnostic LED
ƒ
Three Status LEDs
• Input
• Output
• Alarm
ƒ
DC OK relay
ƒ
Parallel operation capability
ƒ
Screw terminal connections
ƒ
RoHS compliant
ƒ
No tools required for mounting
SAFETY
ƒ
UL508, cULus Listed
ƒ
UL 60950-1, cURus
ƒ
IEC60950-1
ƒ
Class I, Div 2 Hazardous Locations
ƒ
ATEX Certified on selected models
ƒ
IP20
ƒ
CE
Electrical Specifications
Input
AC input range
Nominal: 100-240 Vac/115-230 Vac/85-264 Vac
DC input range
90-375 Vdc
Frequency
47-67 Hz, 400 Hz
Efficiency
> 90%
Inrush current (typical)
< 15A or < 60A depending on model
PFC
Active, better than 0.92
Output
Nominal voltage
24 Vdc (22.5-28.5 Vdc Adj): ADN5-24-1PM-C & ADN10-24-1PM-C
24 Vdc (24-28 Vdc Adj): ADN20-24-1PM-C & ADN40-24-1PM-C
Initial voltage setting
24.5 V ± 1%
Hold-up time
> 20 ms at full load (100 Vac Input @ Tamb = +25 °C)
Voltage regulation
< ± 2% (combination line, load, time and temperature related changes)
Ripple
< 50 mVpp: ADN5-24-1PM-C & ADN10-24-1PM-C
< 100 mVpp: ADN20-24-1PM-C & ADN40-24-1PM-C
Back EMF immunity
< 35 Vdc
Power Boost™
1.5 x Nominal current for 2 or 4 seconds depending on model
Short circuit current
1.5 x Nominal current at near zero volts at short circuit condition
Parallel operation
Switch selectable single unit or parallel unit operation. Units will not be
damaged by parallel operation (regardless of switch position setting)
Ouput noise suppression
Radiated EMI values below EN61000-6-2
Overvoltage protection
> 30.5 Vdc but < 33 Vdc, auto recovery
Line and load regulation
< 0.5%
Time and temperature drift
< 1%
Data Sheet


Podobny numer części - ADN5-24-1PM-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Emerson Network Power
ADN5-24-1PM-C EMERSON-NETWORKPOWER-ADN5-24-1PM-C Datasheet
506Kb / 3P
   Slim form factor 120 - 480 Watts
More results

Podobny opis - ADN5-24-1PM-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Artesyn Technologies
ADN5-24-3PM-C ARTESYN-ADN5-24-3PM-C Datasheet
562Kb / 3P
   Total Power: 120-960 Watts
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
   Total Power: 120 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
   Total Power: 100 - 120 Watts
logo
Astec America, Inc
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com