Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75879PT Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LC75879PT
Szczegółowy opis  LCD Display Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75879PT Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LC75879PT_13 Datasheet HTML 5Page - ON Semiconductor LC75879PT_13 Datasheet HTML 6Page - ON Semiconductor LC75879PT_13 Datasheet HTML 7Page - ON Semiconductor LC75879PT_13 Datasheet HTML 8Page - ON Semiconductor LC75879PT_13 Datasheet HTML 9Page - ON Semiconductor LC75879PT_13 Datasheet HTML 10Page - ON Semiconductor LC75879PT_13 Datasheet HTML 11Page - ON Semiconductor LC75879PT_13 Datasheet HTML 12Page - ON Semiconductor LC75879PT_13 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
LC75879PT
No.A1687-9/35
(2) When CL is stopped at the high level
Note: DD is the direction data
• CCB address ……………….. “45H”
• D1 to D272 ………………… Display data
• PS10, PS11, PS2 to PS4 …. .. General-purpose output port (P1 to P4) function setting control data
• EXF ………………………… External clock operating frequency setting control data
• DN …………………………. S68 pin and S69/OSCI pin state setting control data
• OC …………………………. Internal oscillator operating mode/external clock operating mode switching control data
• P0 to P3 …………………….. Segment output port/general-purpose output port switching control data
• DT ………………………….. 1/4-duty 1/3-bias drive or 1/3-duty 1/3-bias drive switching control data
• SC ………………………..… Segment on/off control data
• BU ………………………..… Normal mode/power-saving mode control data
• PF0 to PF3 ………………… PWM output waveform frame frequency setting control data
• FC0 to FC2 ………………… Common/segment output waveform frame frequency setting control data
• CT0 to CT2 ………………… Display contrast setting control data
• W10 to W15, W20 to W25, ... PWM data of the PWM output
W30 to W35
B1
B0
D2
D1
0
1
D66
EXF
PS4
DD
2bits
Control data
18 bits
DI
CL
CE
0
0
0
0
1
0
1
B3
B2
A1
A0
A3
A2
D67
0
0
PS10
PS3
PS11
SC
DT
P0
OC
0
0
BU
DN
PS2
P1 P2 P3
D68
D63 D64 D65
D62
D61
D60
Display data
68bits
CCB address
8 bits
Control data
18 bits
B1
B0
D70
D69
0
1
D134
PF0
0
DD
2bits
0
0
0
0
1
0
1
B3
B2
A1
A0
A3
A2
D135
0
00
0
0
CT1
CT0
PF3
PF2
1
0
CT2
PF1
0
FC0 FC1 FC2
D136
D131 D132 D133
D130
D129
D128
Display data
68 bits
CCB address
8 bits
B1
B0
D138
D137
0
1
0
W22
W21
DD
2bits
Control data
22 bits
0
0
0
W10
1
0
1
B3
B2
A1
A0
A3
A2
0
W12
W11
W13
W20
W14
W34
W33
W25
W24
0
1
W35
W23
W15
W30 W31 W32
0
D199 D200 0
D198
D197
D196
Display data
64 bits
CCB address
8 bits
B1
B0
D202
D201
0
1
D266
0
0
DD
2bits
Fixed data
14 bits
0
0
0
D269
1
0
1
B3
B2
A1
A0
A3
A2
D267
D271
D270
D272
0
00
0
0
0
1
1
0
0
00
0
0
D268
D263 D264 D265
D262
D261
D260
Display data
72 bits
CCB address
8 bits


Podobny numer części - LC75879PT_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT_17 Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

Podobny opis - LC75879PT_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
   LCD Display Driver
July, 2013
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com