Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75886PW Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC75886PW
Szczegółowy opis  1/4 and 1/3-Duty LCD Display Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75886PW Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC75886PW Datasheet HTML 7Page - ON Semiconductor LC75886PW Datasheet HTML 8Page - ON Semiconductor LC75886PW Datasheet HTML 9Page - ON Semiconductor LC75886PW Datasheet HTML 10Page - ON Semiconductor LC75886PW Datasheet HTML 11Page - ON Semiconductor LC75886PW Datasheet HTML 12Page - ON Semiconductor LC75886PW Datasheet HTML 13Page - ON Semiconductor LC75886PW Datasheet HTML 14Page - ON Semiconductor LC75886PW Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LC75886PW
No.A1391-11/36
(2) When CL is stopped at the high level
Note: B0 to B3, A0 to A3 ········· CCB address
DD ································· Direction data
• CCB address ·········· “42H”
• D1 to D171 ············· Display data
• OC ························· RC oscillator operating mode/external clock operationg mode switching control data
• PC50, PC51 ············ General-purpose output port/clock output port/segment output port switching control data
• KSC ······················· Key scan operation enabled/disabled state setting control data
• S0, S1 ····················· Sleep control data
• K0, K1 ··················· Key scan output/segment output switching control data
• P0 to P2 ·················· Segment output port/general-purpose output port switching control data
• SC ·························· Segment on/off control data
• FC0 to FC2 ············· Common and segment output waveform frame frequency control data
B1
B0
D2
D1
1
0
D50
KSC
DD
(3 bits)
Control data (12 bits)
Display data (57 bits)
DI
CL
CE
0
0
0
D53
1
0
0
B3
B2
A1
A0
A3
A2
D51
D55
D54
D56
SC
P2
P1
P0
0
0
1
K1
S0 S1 K0
D52
D47 D48 D49
PC51
PC50
OC
D57
DO
B1
B0
D59
D58
1
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
FC2
FC1
FC0
0
1
0
1
0
0
0
0
0
0
0
0
D114
D113
D112
D111
D110
D109
D108
D107
D106
D105
D104
B1
B0
1
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
D171
D170
D169
D168
D167
D166
D165
D164
D163
D162
D161
D116
D115
DD
(3 bits)
Control data (12 bits)
Display data (57 bits)
DD
(3 bits)
Fixed data (12 bits)
Display data (57 bits)


Podobny numer części - LC75886PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
LC75886PW-H ONSEMI-LC75886PW-H Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
LC75886PWH-H ONSEMI-LC75886PWH-H Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
LC75886PW ONSEMI-LC75886PW_17 Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
More results

Podobny opis - LC75886PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75806PT ONSEMI-LC75806PT Datasheet
424Kb / 35P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
New Japan Radio
NJU6535 NJRC-NJU6535 Datasheet
221Kb / 30P
   1/3 , 1/4 Duty LCD Driver
NJU6533 NJRC-NJU6533 Datasheet
38Kb / 4P
   1/3, 1/4 Duty LCD Driver
NJU6543 NJRC-NJU6543 Datasheet
214Kb / 29P
   1/2 1/3 1/4 Duty LCD Driver
logo
Sanyo Semicon Device
LC75835W SANYO-LC75835W Datasheet
304Kb / 35P
   CMOS IC 1/3, 1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com