Zakładka z wyszukiwarką danych komponentów |
|
MC100EP016AFAR2 Arkusz danych(PDF) 6 Page - ON Semiconductor |
|
MC100EP016AFAR2 Arkusz danych(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC100EP016A http://onsemi.com 6 AC CHARACTERISTICS VEE = −3.0 V to −3.6 V; VCC = 0 V or VCC = 3.0 V to 3.6 V; VEE = 0 V (Note 8) −40 °C 25 °C 70 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fCOUNT Maximum Frequency Count & Division Modes Q, TC, COUT/COUT 1.3 1.5 1.2 1.4 1.2 1.3 GHz tPLH tPHL Propagation Delay CLK to Q MR to Q CLK to TC MR to TC CLK to COUT/COUT MR to COUT/COUT 350 400 350 400 475 450 511 550 511 555 705 720 650 700 650 700 850 850 400 400 400 400 500 500 550 570 550 570 745 760 700 750 700 750 900 900 480 450 480 520 550 570 610 630 610 635 825 830 780 820 780 820 1000 950 ps tS Setup Time P0 P1 to P4 P5 to P7 CE PE TCLD 400 300 250 500 500 550 240 140 80 320 315 355 400 300 250 500 500 550 240 135 65 330 320 365 400 300 250 500 500 550 245 125 55 340 325 380 ps tH Hold Time P0 P1 to P4 P5 to P7 CE PE TCLD 100 50 150 600 625 525 −145 −160 −105 380 465 320 100 50 150 600 625 525 −155 −170 −110 410 500 325 100 50 150 600 625 525 −170 −180 −115 450 535 340 ps tJITTER Clock Random Jitter (RMS, 1000 Waveforms) 2.6 8.5 2.5 8.0 2.5 8.0 ps tRR Reset Recovery Time 400 195 400 205 400 220 ps tPW Minimum Pulse Width CLK Minimum Pulse Width MR 550 550 365 380 550 550 365 380 550 550 370 380 ps tr, tf Output Rise/Fall Times 20% − 80% 90 180 320 100 190 320 125 215 450 ps 8. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 ohms to VCC−2.0 V. |
Podobny numer części - MC100EP016AFAR2 |
|
Podobny opis - MC100EP016AFAR2 |