Zakładka z wyszukiwarką danych komponentów |
|
TSC2100IRHBR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
TSC2100IRHBR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 77 page TSC2100 SLAS378− NOVEMBER 2003 www.ti.com 2 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION PRODUCT PACKAGE PACKAGE DESIGNATOR OPERATING TEMPERATURE RANGE ORDERING NUMBER TRANSPORT MEDIA, QUANTITY TSSOP 32 DA TSC2100IDA Tubes, 46 TSC2100IDA TSSOP-32 DA 40°C t 85°C TSC2100IDAR Tape and Reel, 2000 TSC2100IDA QFN 32 RHB −40°C to 85°C TSC2100IRHB Tubes, 52 QFN-32 RHB TSC2100IRHBR Tape and Reel, 3000 PIN ASSIGNMENTS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 DIN DOUT BCLK DVDD DVSS IOVDD MCLK SCLK MISO MOSI SS PINTDAV MICBIAS MICIN AUX VBAT2 PWD/ADWS LRCK RESET HPR DRVDD VGND DRVSS HPL AVDD X+ Y+ X− Y− AVSS VREF VBAT1 TSSOP (TOP VIEW) QFN (TOP VIEW) 31 30 29 28 27 910 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 DRVDD VGND DRVSS HPL AVDD X+ Y+ X− DVSS IOVDD MCLK SCLK MISO MOSI SS PINTDAV 32 26 11 12 13 14 15 16 25 Terminal Functions QFN PIN TSSOP PIN NAME DESCRIPTION QFN PIN TSSOP PIN NAME DESCRIPTION 29 1 DIN Audio data input 13 17 VBAT1 Battery monitor input 30 2 DOUT Audio data output 14 18 VREF Reference voltage I/O 31 3 BCLK Audio bit−clock 15 19 AVSS Analog ground 32 4 DVDD Digital core supply 16 20 Y− Y− position input and driver 1 5 DVSS Digital core and IO ground 17 21 X− X− position input and driver 2 6 IOVDD IO supply 18 22 Y+ Y+ position input and driver 3 7 MCLK Master clock 19 23 X+ X+ position input and driver 4 8 SCLK SPI serial clock input 20 24 AVDD Analog power supply 5 9 MISO SPI serial data output 21 25 HPL Left channel audio output 6 10 MOSI SPI serial data input 22 26 DRVSS Speaker ground 7 11 SS SPI slave select input 23 27 VGND Virtual ground for audio output 8 12 PINTDAV Pen interrupt/data available output 24 28 DRVDD Speaker /PLL supply 9 13 MICBIAS Microphone bias voltage 25 29 HPR Right channel audio output 10 14 MICIN Microphone input 26 30 RESET Device reset 11 15 AUX Auxiliary input 27 31 LRCK Audio DAC word-clock 12 16 VBAT2 Battery monitor input 28 32 PWD/ADWS Hardware powerdown/ADC word clock |
Podobny numer części - TSC2100IRHBR |
|
Podobny opis - TSC2100IRHBR |