Zakładka z wyszukiwarką danych komponentów |
|
TSB43EA42 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
TSB43EA42 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 11 page TSB43EC42 M6 External CPU or PCI Interface Async RX FIFO MPEG2 Demux and Decode MPEG2 Transport Stream SDRAM CPU PCI or68 K Bus Graphics Controller Video NTSC/PAL Encoder Display Audio DAC (2 channel audio) Speaker 1394 Bus TSB43Ex4x www.ti.com SLLA275C – APRIL 2008 – REVISED FEBRUARY 2010 APPLICATION INFORMATION In an HDTV application (see Figure 1), the TSB43EC42/43 receives the MPEG2 transport stream, decrypts it using the M6 cipher, and outputs it to the application over the HSDI port AES encrypted. The MPEG2 demux and decode device separates the audio and video streams, decodes them, and outputs the 2-channel audio to an audio DAC for listening and the video to an NTSC/PAL encoder for display. The HDTV receives on-screen display (OSD) information from the video source, such as a set-top box, using the EIA775 standard. The system processor receives the OSD data through the TSB43EC42/43 asynchronous receive buffer. The system graphics controller controls the OSD and mixes it with the video data for display. Figure 1. TSB43EC42/43 in HDTV Application Copyright © 2008–2010, Texas Instruments Incorporated Submit Documentation Feedback 5 |
Podobny numer części - TSB43EA42 |
|
Podobny opis - TSB43EA42 |