Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1023 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części ADM1023
Szczegółowy opis  ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1023 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button ADM1023 Datasheet HTML 7Page - ON Semiconductor ADM1023 Datasheet HTML 8Page - ON Semiconductor ADM1023 Datasheet HTML 9Page - ON Semiconductor ADM1023 Datasheet HTML 10Page - ON Semiconductor ADM1023 Datasheet HTML 11Page - ON Semiconductor ADM1023 Datasheet HTML 12Page - ON Semiconductor ADM1023 Datasheet HTML 13Page - ON Semiconductor ADM1023 Datasheet HTML 14Page - ON Semiconductor ADM1023 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1023
http://onsemi.com
11
Table 9. STATUS REGISTER BIT ASSIGNMENTS
Bit
Name
Function
7
BUSY
At 1 when ADC converting
6
LHIGH*
At 1 when local high temp limit tripped
5
LLOW*
At 1 when local low temp limit tripped
4
RHIGH*
At 1 when remote high temp limit tripped
3
RLOW*
At 1 when remote low temp limit tripped
2
OPEN*
At 1 when remote sensor open-circuit
1 to 0
Reserved
*These flags stay high until the status register is read or they are
reset by POR.
Configuration Register
Two bits of the configuration register are used. If Bit 6 is 0,
which is the power-on default, the device is in operating
mode with the ADC converting (see Table 10). If Bit 6 is set
to 1, the device is in standby mode and the ADC does not
convert. Standby mode can also be selected by taking the
STBY pin low. In standby mode, the values of remote and
local temperature remain at the value they were before the
part was placed in standby mode.
Bit 7 of the configuration register is used to mask the
ALERT output. If Bit 7 is 0, which is the power-on default,
the ALERT output is enabled. If Bit 7 is set to 1, the ALERT
output is disabled.
Table 10. CONFIGURATION REGISTER BIT
ASSIGNMENTS
Bit
Name
Function
Power-on
Default
7
MASK1
0 = ALERT Enabled
1 = ALERT Masked
0
6
RUN/STOP
0 = Run
1 = Standby
0
5 to 0
Reserved
0
Conversion Rate Register
The lowest three bits of this register are used to program
the conversion rate by dividing the ADC clock by 1, 2, 4, 8,
16, 32, 64, or 128, to give conversion times from 125 ms
(Code 0x07) to 16 seconds (Code 0x00). This register can be
written to and read back over the SMBus. The higher five
bits of this register are unused and must be set to 0. Use of
slower conversion times greatly reduces the device’s power
consumption, as shown in Table 11.
Table 11. CONVERSION RATE REGISTER CODE
Data
Conversion/Sec
Average Supply Current
mA Typ at VCC = 3.3 V
0x00
0.0625
150
0x01
0.125
150
0x02
0.25
150
0x03
0.5
150
0x04
1
150
0x05
2
150
0x06
4
160
0x07
8
180
0x08 to
0xFF
Reserved
Limit Registers
The ADM1023 has six limit registers to store local and
remote, high and low temperature limits. These registers can
be written to and read back over the SMBus. The high limit
registers perform a > comparison, while the low limit
registers perform a < comparison. For example, if the high
limit register is programmed as a limit of 80C, measuring
81C results in an alarm condition. Even though the
temperature range is 0 to 127C, it is possible to program the
limit register with negative values. This is for
backward-compatibility with the ADM1021.
One−Shot Register
The one-shot register is used to initiate a single conversion
and comparison cycle when the ADM1023 is in standby
mode, after which the device returns to standby. This is not
a data register as such, and it is the write operation that
causes the one-shot conversion. The data written to this
address is irrelevant and is not stored.
Serial Bus Interface
Control of the ADM1023 is carried out via the serial bus.
The ADM1023 is connected to this bus as a slave device,
under the control of a master device. Note that the SMBus
SDA and SCLK pins are three-stated when the ADM1023
is powered down, and they do not pull down the SMBus.
Address Pins
In general, every SMBus device has a 7-bit device address
(except for some devices that have extended, 10-bit
addresses). When the master device sends a device address
over the bus, the slave device with that address responds.
The ADM1023 has two address pins, ADD0 and ADD1, to
allow selection of the device address, so that several
ADM1023s can be used on the same bus and to avoid
conflict with other devices. Although only two address pins
are provided, these pins are three-state and can be grounded,
left unconnected, or tied to VDD, so that a total of nine
different addresses are possible, as shown in Table 12.
Note that the state of the address pins is sampled only at
powerup, so changing them after powerup has no effect.


Podobny numer części - ADM1023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
Analog Devices
ADM1023ARQ AD-ADM1023ARQ Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023ARQZ ONSEMI-ADM1023ARQZ Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-R7 ONSEMI-ADM1023ARQZ-R7 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Podobny opis - ADM1023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com