Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1033ARQZ-REEL Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części ADM1033ARQZ-REEL
Szczegółowy opis  Thermal Monitor and Fan Speed (RPM) Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1033ARQZ-REEL Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button ADM1033ARQZ-REEL Datasheet HTML 3Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 10Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ADM1033
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS (Cont’d)
Figure 9. Remote 1 Temperature Error vs.
Actual Temperature
Figure 10. Local Temperature Error vs.
Actual Temperature
Figure 11. Standby Supply Current vs.
SCLK Frequency
Figure 12. Standby Supply Current vs.
Supply Voltage
Figure 13. Supply Current vs. Conversion Rate
Figure 14. Supply Current vs. ADM1033 Temperature
TEMPERATURE (C)
−60
−7
MEAN
−40 −20 0
20 40
60 80 100 120 140
−6
−5
−4
−3
−2
−1
0
1
2
LOW 4 SIGMA
HIGH 4 SIGMA
S1
S2
S3
S4
S5
V1
V2
V3
V4
V5
TEMPERATURE (C)
−50
−7
−6
−5
−4
−3
−2
−1
0
1
2
0
50
100
150
MEAN
LOW 4 SIGMA
HIGH 4 SIGMA
S1
S2
S3
S4
S5
V1
V2
V3
V4
V5
FSCL (kHz)
1
360
DEV 31
10
100
1000
DEV 33
DEV 32
370
380
390
400
410
420
430
SUPPLY VOLTAGE (V)
0
0
12
3
4
5
6
0.1
0.2
0.3
0.4
0.5
0.6
0.7
CONVERSION RATE (Hz)
0.01
0
DEV 32
200
400
600
800
1000
1200
0.1
1
10
100
DEV 31
DEV 33
TEMPERATURE (C)
−60
1.25
−40 −20
0
20
40
60
80
100
1.30
1.35
1.40
1.45
1.50
1.55


Podobny numer części - ADM1033ARQZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1033ARQZ-REEL AD-ADM1033ARQZ-REEL Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
logo
Analog Devices
ADM1033ARQZ-REEL7 AD-ADM1033ARQZ-REEL7 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
More results

Podobny opis - ADM1033ARQZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com