Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYB100-48S2 Arkusz danych(PDF) 1 Page - Bothhand USA, LP.

Numer części BYB100-48S2
Szczegółowy opis  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BYB100-48S2 Arkusz danych(HTML) 1 Page - Bothhand USA, LP.

  BYB100-48S2 Datasheet HTML 1Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 2Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 3Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 4Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 5Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 6Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 7Page - Bothhand USA, LP. BYB100-48S2 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
usa.com
http://www.bothhand
usa.com
Rev:20150720A
Page 1 of 8
Isolated DC-DC Converters
BYB100 Series -- 100Watt
PRELIMINARY
Features
Wide 2
: 1 Input Voltage Range (36~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5kVDC
Operating Temperature Range: -40°C to +85°C(with derating)
Output Short Circuit Protection:
Hiccup & Auto Recovery
Over Voltage Protection: Clamp Mode
Over Temperature Protection
Lead Free Design, RoHS Compliant
Adjustable Output Voltage
Customer Design Available
Meet Safety Standard : IEC / EN60950-1
Technical Specification All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (A)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load (1) Full. Load
No Load
Full Load
Eff .(2)
(%)
Capacitive
Load, max.
(uF)
BYB100-48S2
12
0
8.4
95
2367
92
10000
BYB100-48S5
24
0
4.2
58
2395
91
3300
BYB100-48S4
28
0
3.6
69
2395
91
2000
BYB100-48S6
36~75V
Nominal:48V
48
0
2.1
57
2367
92
1000
Description
The BYB100 Series are isolated 100W DC/DC
converters. Designed with highly efficiency, allow the
operating temperature range of these units to be -40°C
to +85°C (with derating) in a five-sided shielded metal
case. Further features include wide 2
: 1 input voltage
range, remote on/off control, short-circuit protection,
over voltage protection and over temperature protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.


Podobny numer części - BYB100-48S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BYB100-12S5 BOTHHAND-BYB100-12S5 Datasheet
650Kb / 3P
   Isolated DC-DC Converters
More results

Podobny opis - BYB100-48S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com