Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35E Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części TIP35E
Szczegółowy opis  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP35E Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP35E Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP35E Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
2
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
TIP35E
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA; IB= 0
140
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 15A; IB= 3A
2.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 25A; IB= 6.25A
5.0
V
VBE(on)-1
Base-Emitter On Voltage
IC= 15A ; VCE= 4V
2.0
V
VBE(on)-2
Base-Emitter On Voltage
IC= 25A ; VCE= 4V
4.0
V
ICEO
Collector Cutoff Current
VCE= 90V; IB= 0
1.0
mA
ICBO
Collector Cutoff Current
VCB= 180V; IE= 0
0.7
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 1.5A ; VCE= 4V
25
hFE-2
DC Current Gain
IC= 15A; VCE= 4V
8
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 10V; ftest= 1.0MHz
3
MHz
Switching Times
ton
Turn-On Time
IC= 15A; IB1= -IB2= 1.5A;
VBE(off)= 4.15V; RL= 2Ω
1.2
μ
s
toff
Turn-Off Time
0.9
μ
s


Podobny numer części - TIP35E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35E MOSPEC-TIP35E Datasheet
164Kb / 3P
   POWER TRANSISTORS(25A,120-160V,125W)
More results

Podobny opis - TIP35E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com