Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4967DY-T1 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI4967DY-T1
Szczegółowy opis  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4967DY-T1 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI4967DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4967DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4967DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4967DY-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4967DY
Vishay Siliconix
www.vishay.com
2
Document Number: 70813
S-31989—Rev. C, 13-Oct-03
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
-0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -12 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = -12 V, VGS = 0 V, TJ = 70_C
-5
mA
On-State Drain Currenta
ID(on)
VDS w -5 V, VGS = -4.5 V
-20
A
VGS = -4.5 V, ID = -7.5 A
0.019
0.023
Drain-Source On-State Resistancea
rDS(on)
VGS = -2.5 V, ID = -6.7 A
0.024
0.030
W
DS(on)
VGS = -1.8 V, ID = -5.4 A
0.033
0.045
Forward Transconductancea
gfs
VDS = -10 V, ID = -7.5 A
27
S
Diode Forward Voltagea
VSD
IS = -1.7 A, VGS = 0 V
0.7
-1.2
V
Dynamicb
Total Gate Charge
Qg
35
55
Gate-Source Charge
Qgs
VDS = -6 V, VGS = -10 V, ID = -7.5 A
7
nC
Gate-Drain Charge
Qgd
7
Turn-On Delay Time
td(on)
25
50
Rise Time
tr
VDD = -6 V, RL = 10 W
40
80
Turn-Off Delay Time
td(off)
VDD = -6 V, RL = 10 W
ID ^ -1 A, VGEN = -10 V, RG = 6 W
210
350
ns
Fall Time
tf
95
150
Source-Drain Reverse Recovery Time
trr
IF = -1.7 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Podobny numer części - SI4967DY-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4967DY VISHAY-SI4967DY Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI4967DY-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com