Zakładka z wyszukiwarką danych komponentów |
|
P-8300-103G-05 Arkusz danych(PDF) 3 Page - Copal Electronics |
|
P-8300-103G-05 Arkusz danych(HTML) 3 Page - Copal Electronics |
3 / 3 page 23.22 3 6.8 (12) 1 14.8 4 × 2.54 1 2 3 4 G Header (Iron, gold-plated) Ceramic board with temp. compensation resistors Stainless steel diaphragm Housing (SUS 316L) (SUS 316L) Terminal pin (Copper, Gold-plated) 4 × 2.54 Terminal pin (Copper, Gold-plated) (22.8) 3 6.8 (12) 1 14.8 1 2 3 4 G Ceramic board with temp. compensation resistors Stainless steel diaphragm Housing (SUS 316L) (SUS 316L) P-8300 PRESSURE TRANSDUCERS ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.5 (Unit: mm) PIN CONNECTION 1 2 3 4 G Output B Output C Input C Input B Housing OP-8300 Gauge type P-8300 OP-8300 Absolute type Extra care should be taken with the diaphragm part. Do not touch the diaphragm directly to avoid damaging the diaphragm. ■ INTERNAL ELECTRICAL SCHEMATICS 2 (–) 3 (–) 4 (+) 1 (+) G Thick film resistors for temp. compensation Output ■ INSTALLATION EXAMPLES (Unit: mm) O An “O” ring P20 (conforms to JIS B 2401) is provided as accessory. Make the mounting bore diametersφ24 andφ20 ± 0.1, and the surface-roughness as 6.3 S ( ▽▽▽ ). +0.06 0 Applied press. 8.6 |
Podobny numer części - P-8300-103G-05 |
|
Podobny opis - P-8300-103G-05 |