Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST92185B3BJ1 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST92185B3BJ1
Szczegółowy opis  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BJ1 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST92185B3BJ1 Datasheet HTML 7Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 8Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 9Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 10Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 11Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 12Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 13Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 14Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 178 page
background image
11/178
ST92185B - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
Figure 4.. 42-Pin Package Pin-Out
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
40
41
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
INT7/P2.0
RESET
B
P3.5
P3.6
CSO/RESET0/P3.7
P0.0
P0.3
P0.4
P0.5
P0.6
P0.7
P0.1
AIN4/P0.2
P3.4
SCK/INT2/P5.0
SDI/SDO/P5.1
R
G
FB
VDD
P2.1/INT5/AIN1
P2.2/INT0/AIN2
P4.0/PWM0
P4.2/PWM2
P4.3/PWM3/TSLU/HT
P4.4/PWM4
P4.5/PWM5
OSCOUT
OSCIN
P2.5/AIN3/INT4/VS02
P2.4/NMI
P2.3/INT6/VS01
P4.6/PWM6
P4.7/PWM7/EXTRG/STOUT
P4.1/PWM1
MCFM
PXFM
HSYNC/CSYNC
VSYNC
TEST0
GND


Podobny numer części - ST92185B3BJ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92124CR1QC STMICROELECTRONICS-ST92124CR1QC Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
More results

Podobny opis - ST92185B3BJ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
   48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
   16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
logo
Sanyo Semicon Device
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
logo
Sanyo Semicon Device
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com