Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2904ADMG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części LM2904ADMG
Szczegółowy opis  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2904ADMG Arkusz danych(HTML) 3 Page - ON Semiconductor

  LM2904ADMG Datasheet HTML 1Page - ON Semiconductor LM2904ADMG Datasheet HTML 2Page - ON Semiconductor LM2904ADMG Datasheet HTML 3Page - ON Semiconductor LM2904ADMG Datasheet HTML 4Page - ON Semiconductor LM2904ADMG Datasheet HTML 5Page - ON Semiconductor LM2904ADMG Datasheet HTML 6Page - ON Semiconductor LM2904ADMG Datasheet HTML 7Page - ON Semiconductor LM2904ADMG Datasheet HTML 8Page - ON Semiconductor LM2904ADMG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM258, LM358, LM358A, LM358E, LM2904, LM2904A, LM2904E, LM2904V, NCV2904
www.onsemi.com
3
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
VCC, VEE
32
±16
Vdc
Input Differential Voltage Range (Note 1)
VIDR
±32
Vdc
Input Common Mode Voltage Range
VICR
−0.3 to 32
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction−to−Air (Note 2)
Case 846A
Case 751
Case 626
RqJA
238
212
161
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Ambient Temperature Range
LM258
LM358, LM358A, LM358E
LM2904, LM2904A, LM2904E
LM2904V, NCV2904 (Note 3)
TA
−25 to +85
0 to +70
−40 to +105
−40 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Split Power Supplies.
2. All RqJA measurements made on evaluation board with 1 oz. copper traces of minimum pad size. All device outputs were active.
3. NCV2904 is qualified for automotive use.
ESD RATINGS
Rating
HBM
MM
Unit
ESD Protection at any Pin (Human Body Model − HBM, Machine Model − MM)
NCV2904 (Note 3)
LM358E, LM2904E
LM358DG/DR2G, LM2904DG/DR2G
All Other Devices
2000
2000
250
2000
200
200
100
200
V
V
V
V


Podobny numer części - LM2904ADMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM2904ADMG ONSEMI-LM2904ADMG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904ADMG ONSEMI-LM2904ADMG Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

Podobny opis - LM2904ADMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com