Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM324ADG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LM324ADG
Szczegółowy opis  Single Supply Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324ADG Arkusz danych(HTML) 2 Page - ON Semiconductor

  LM324ADG Datasheet HTML 1Page - ON Semiconductor LM324ADG Datasheet HTML 2Page - ON Semiconductor LM324ADG Datasheet HTML 3Page - ON Semiconductor LM324ADG Datasheet HTML 4Page - ON Semiconductor LM324ADG Datasheet HTML 5Page - ON Semiconductor LM324ADG Datasheet HTML 6Page - ON Semiconductor LM324ADG Datasheet HTML 7Page - ON Semiconductor LM324ADG Datasheet HTML 8Page - ON Semiconductor LM324ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
2
MAXIMUM RATINGS (TA = + 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
32
Split Supplies
VCC, VEE
±16
Input Differential Voltage Range (Note 1)
VIDR
±32
Vdc
Input Common Mode Voltage Range
VICR
−0.3 to 32
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction−to−Air (Note 2)
Case 646
Case 751A
Case 948G
RqJA
118
156
190
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Ambient Temperature Range
TA
°C
LM224
−25 to +85
LM324, LM324A, LM324E
0 to +70
LM2902, LM2902E
−40 to +105
LM2902V, NCV2902 (Note 3)
−40 to +125
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Split Power Supplies.
2. All RqJA measurements made on evaluation board with 1 oz. copper traces of minimum pad size. All device outputs were active.
3. NCV2902 is qualified for automitive use.
ESD RATINGS
Rating
HBM
MM
Unit
ESD Protection at any Pin (Human Body Model − HBM, Machine Model − MM)
NCV2902 (Note 3)
LM324E, LM2902E
LM324DG/DR2G, LM2902DG/DR2G
All Other Devices
2000
2000
200
2000
200
200
100
200
V
V
V
V


Podobny numer części - LM324ADG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM324ADG ONSEMI-LM324ADG Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LM324ADG4 TI-LM324ADG4 Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Podobny opis - LM324ADG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com