Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

THS3110 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części THS3110
Szczegółowy opis  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

THS3110 Arkusz danych(HTML) 4 Page - Texas Instruments

  THS3110 Datasheet HTML 1Page - Texas Instruments THS3110 Datasheet HTML 2Page - Texas Instruments THS3110 Datasheet HTML 3Page - Texas Instruments THS3110 Datasheet HTML 4Page - Texas Instruments THS3110 Datasheet HTML 5Page - Texas Instruments THS3110 Datasheet HTML 6Page - Texas Instruments THS3110 Datasheet HTML 7Page - Texas Instruments THS3110 Datasheet HTML 8Page - Texas Instruments THS3110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS3110, THS3111
SLOS422A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
V
S = ±15 V, RF = 1 k Ω,RL = 100 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C to
MIN/TYP/
25
°C
25
°C
UNIT
70
°C
85
°C
MAX
AC PERFORMANCE
G = 1, RF = 1.5 kΩ, VO = 200 mVPP
100
G = 2, RF = 1 kΩ, VO = 200 mVPP
90
Small-signal bandwidth, -3 dB
G = 5, RF = 806 Ω, VO = 200 mVPP
87
MHz
TYP
G = 10, RF = 604 Ω, VO = 200 mVPP
66
0.1 dB bandwidth flatness
G = 2, RF = 1.15 kΩ, VO = 200 mVPP
45
Large-signal bandwidth
G = 5, RF = 806 Ω , VO = 4 VPP
95
G = 1, VO = 4-V step, RF = 1.5 kΩ
800
Slew rate (25% to 75% level)
V/µs
TYP
G = 2, VO = 8-V step, RF = 1 kΩ
1300
Recommended maximum SR for
Slew rate
900
V/µs
MAX
repetitive signals(1)
Rise and fall time
G = -5, VO = 10-V step, RF = 806 Ω
8
ns
TYP
Settling time to 0.1%
G = -2, VO = 2 VPP step
27
ns
TYP
Settling time to 0.01%
G = -2, VO = 2 VPP step
250
Harmonic distortion
RL = 100 Ω
52
2nd Harmonic distortion
G = 2,
RL = 1 kΩ
53
RF = 1 kΩ ,
dBc
TYP
VO = 2 VPP,
RL = 100 Ω
48
f = 10 MHz
3rd Harmonic distortion
RL = 1 kΩ
68
Input voltage noise
f > 20 kHz
3
nV /
√Hz
TYP
Noninverting input current noise
f > 20 kHz
2
pA /
√Hz
TYP
Inverting input current noise
f > 20 kHz
10
pA /
√Hz
TYP
NTSC
0.011%
Differential gain
G = 2,
PAL
0.013%
RL = 150 Ω,
TYP
NTSC
0.029
°
RF = 1 kΩ
Differential phase
PAL
0.033
°
DC PERFORMANCE
Transimpedance
VO = ±3.75 V, Gain = 1
1.6
1
0.7
0.7
M
MIN
Input offset voltage
1.5
6
8
8
mV
MAX
VCM = 0 V
Average offset voltage drift
±10
±10
µV/
°C
TYP
Noninverting input bias current
1
4
6
6
µA
MAX
VCM = 0 V
Average bias current drift
±10
±10
nA/
°C
TYP
Inverting input bias current
1.5
15
20
20
µA
MAX
VCM = 0 V
Average bias current drift
±10
±10
nA/
°C
TYP
Input offset current
2.5
15
20
20
µA
MAX
VCM = 0 V
Average offset current drift
±30
±30
nA/
°C
TYP
INPUT CHARACTERISTICS
Input common-mode voltage range
±13.3
±13
±12.5
±12.5
V
MIN
Common-mode rejection ratio
VCM = ±12.5 V
68
62
60
60
dB
MIN
Noninverting input resistance
41
M
TYP
Noninverting input capacitance
0.4
pF
TYP
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±13.5
±13
±12.5
±12.5
Output voltage swing
V
MIN
RL = 100 Ω
±13.4
±12.5
±12
±12
Output current (sourcing)
RL = 25 Ω
260
200
175
175
mA
MIN
Output current (sinking)
RL = 25 Ω
260
200
175
175
mA
MIN
Output impedance
f = 1 MHz, Closed loop
0.15
TYP
(1)
For more information, see the Application Information section of this data sheet.
4


Podobny numer części - THS3110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110 TI1-THS3110 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110DGN TI-THS3110DGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110DGNR TI-THS3110DGNR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110ID TI-THS3110ID Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
More results

Podobny opis - THS3110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com