Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA2904FVM Arkusz danych(PDF) 1 Page - Rohm

Numer części BA2904FVM
Szczegółowy opis  Ground Sense Operational Amplifiers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA2904FVM Arkusz danych(HTML) 1 Page - Rohm

  BA2904FVM Datasheet HTML 1Page - Rohm BA2904FVM Datasheet HTML 2Page - Rohm BA2904FVM Datasheet HTML 3Page - Rohm BA2904FVM Datasheet HTML 4Page - Rohm BA2904FVM Datasheet HTML 5Page - Rohm BA2904FVM Datasheet HTML 6Page - Rohm BA2904FVM Datasheet HTML 7Page - Rohm BA2904FVM Datasheet HTML 8Page - Rohm BA2904FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
1/52
23.Jan.2014 Rev.003
TSZ22111・14・001
Maximum operating temperature
Output Current
Source/Sink
Input Offset
Voltage
Operational Amplifiers
Ground Sense Operational Amplifiers
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
General Description
General purpose BA10358 / BA10324A and high
reliability BA2904 / BA2902
integrate two or four
independent Op-Amps on a single chip and have some
features of high-gain, low power consumption, and
wide operating voltage range of 3V to 36V (single
power supply ).
BA2904W have low input offset voltage(2mV max.).
Features
 Operable with a single power supply
 Wide operating supply voltage range
 Input and output are operable GND sense
 Low supply current
 High open loop voltage gain
 Wide temperature range
Application
 Current sense application
 Buffer application amplifier
 Active filter
 Consumer electronics
Key Specification
 Wide Operating Supply Voltage (single supply):
BA10358/BA10324A
+3.0V to +32.0V
BA2904/BA2902
+3.0V to +36.0V
 Wide Temperature Range:
BA10358/ BA10324A
-40°C~+85°C
BA2904S/ BA2902S
-40°C~+105°C
BA2904/ BA2902
-40°C~+125°C
BA2904W
-40°C~+125°C
 Input Offset Voltage:
BA10358/ BA10324A
7mV (Max)
BA2904S/ BA2902S
7mV (Max)
BA2904/ BA2902
7mV (Max)
BA2904W
2mV (Max)
 Low Input Bias Current:
BA10358
45nA (Typ)
BA10324A
20nA (Typ)
BA2904S/ BA2902S
20nA (Typ)
BA2904/ BA2902
20nA (Typ)
BA2904W
20nA (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SOP-J14
8.65mm x 6.00mm x 1.65mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Selection Guide
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Normal
High-reliability
Dual
Quad
Dual
Quad
+85°C
+105°C
+125°C
BA10358F
BA10358FV
BA10358FJ
BA10324AF
BA10324AFV
BA10324AFJ
BA2904SF
BA2904SFV
BA2904SFVM
BA2904F
BA2904FV
BA2904FVM
BA2902SF
BA2902SFV
BA2902F
BA2902FV
30mA/20mA
30mA/20mA
35mA/20mA
20mA/20mA
7mV
7mV
7mV
7mV
2mV
BA2904WF
BA2904WFV


Podobny numer części - BA2904FVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA2904FVM ROHM-BA2904FVM	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904FVM ROHM-BA2904FVM Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904FVM ROHM-BA2904FVM Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904FVM ROHM-BA2904FVM Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2904FVM ROHM-BA2904FVM Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Podobny opis - BA2904FVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com