Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP32C6411GLZ Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TMP32C6411GLZ
Szczegółowy opis  FIXED POINT DIGITAL SIGNAL PROCESSOR
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411GLZ Arkusz danych(HTML) 3 Page - Texas Instruments

  TMP32C6411GLZ Datasheet HTML 1Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 2Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 3Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 4Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 5Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 6Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 7Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 8Page - Texas Instruments TMP32C6411GLZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS196G device-specific data
sheet to make it an SPRS196H revision.
Scope: Applicable updates to the C64x device family, specifically relating to the C6411 devices, have been incor-
porated. Added C6411A silicon revision 2.0 devices and associated device-specific information at the product
data (PD) stage of development.
The extended temperature devices for silicon revision 2.0 (C641x A-5E0, C641xA-6E3) are at the advance infor-
mation (AI) stage of development. All other devices are at the Production Data (PD) stage of development.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
6
GLZ and ZLZ BGA packages (bottom view) section:
Added “and ZLZ” to the “GLZ 532-PIN BALL GRID ARRAY (BGA) PACKAGE ( BOTTOM VIEW )” figure title
Added a ZLZ clarification footnote to the GLZ and ZLZ BGA packages (bottom view) figure
7
Description section:
“With performance of up to 2400 million instructions per second (MIPS) ...” paragraph
Changed “The C6411 can produce two 32-bit multiply-accumulates (MACs) per ...” sentence to “The C6411 can produce
four 16-bit multiply-accumulates (MACs) per ...”
8
Table 1, Characteristics of the C6411 Processor:
Changed the EDMA INTERNAL CLOCK SOURCE reference from “CPU Clock Frequency” to “CPU/2 Clock Frequency”
15
L2 architecture expanded section:
Added new section
Added Figure 2, TMS320C6411 L2 Architecture Memory Configuration
17
Peripheral register descriptions section:
Table 5, L2 Cache Registers:
Added “Reserved” row “0184 1004 − 0184 1FFC”
Changed “Reserved” row “0184 4050 −0184 4FFF” to “0184 4050 −0184 4FFC”
20
Peripheral register descriptions section:
EDMA Parameter RAM table:
Updated associated table footnote from “The C64x device ...” to “The C6411 device ...”
55
Added “device support” section title (new)
55−56
Device and development-support tool nomenclature section:
Updated/changed “Table 1 displays the device part numbers and ordering information for ...” paragraph
Deleted the “TMX and TMP devices and TMDX development-support tools are shipped with ...” paragraph
Figure 5, TMS320C6411 DSP Device Nomenclature:
Updated/changed the “For the actual device part number (P/N), ...” footnote
Added, below Figure 5, “For additional information, see the TMS320C6411 Digital Signal Processor Silicon Errata (literature
number SPRZ194)” paragraph (new)
57
Documentation support section:
Deleted “See the Worldwide Web URL for Texas Instruments” from the SPRA718 and SPRA374 reference paragraph
Moved the SPRA718 and SPRA374 reference paragraph up


Podobny numer części - TMP32C6411GLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP32C6411GLZ300 TI-TMP32C6411GLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411GLZ5E0 TI-TMP32C6411GLZ5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411GLZA300 TI-TMP32C6411GLZA300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411GLZA5E0 TI-TMP32C6411GLZA5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Podobny opis - TMP32C6411GLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com