Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320C6411ZLZ Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TMP320C6411ZLZ
Szczegółowy opis  FIXED POINT DIGITAL SIGNAL PROCESSOR
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6411ZLZ Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TMP320C6411ZLZ Datasheet HTML 4Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 5Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 6Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 7Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 8Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 9Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 10Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 11Page - Texas Instruments TMP320C6411ZLZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6411 DSP. The table shows significant features of the C6411 device,
including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type with pin count.
Table 1. Characteristics of the C6411 Processor
HARDWARE FEATURES
INTERNAL CLOCK
SOURCE
C6411
Peripherals
EMIF (32-bit bus width)
ECLKIN
1
Peripherals
Not all peripherals pins are
EDMA (64 independent channels)
CPU/2 Clock Frequency
1
Not all peripherals pins are
available at the same time.
(For more details, see the
HPI (32- or 16-bit user selectable)
CPU/4 Clock Frequency
1 (HPI16 or HPI32)
available at the same time.
(For more details, see the
Device Configuration
PCI (32-bit)
PCLK
1
Device Configuration
section.)
McBSPs (McBSP0 and McBSP1)
CPU/4 Clock Frequency
2
section.)
Peripheral performance is
32-Bit Timers
CPU/8 Clock Frequency
3
Peripheral performance is
dependent on chip-level
configuration.
General-Purpose Input/Outputs
(GPIOs)
CPU/8 Clock Frequency
16
Size (Bytes)
288K
On-Chip Memory
Organization
16K-Byte (16KB) L1 Program (L1P)
Cache
16KB L1 Data (L1D) Cache
256KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
Device_ID
Silicon Revision Identification Register
(DEVICE_REV [19:16])
Address: 0x01B0 0200
DEVICE_REV[19:16]
Silicon Revision
0010 or 0000
1.1
0011
2.0
Frequency
MHz
300
Cycle Time
ns
3.33 ns
Voltage
Core (V)
1.2 V
Voltage
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6
BGA Package
23 x 23 mm
532-Pin BGA (GLZ and ZLZ)
Process Technology
µm
0.13
µm
Product Status†
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD (1.1, 2.0)
Device Part Numbers
(For more details on the C64x
 DSP part numbering, see
Figure 5)
TMS320C6411GLZ
TMS320C6411AGLZ
† PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.


Podobny numer części - TMP320C6411ZLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP320C6411ZLZ300 TI-TMP320C6411ZLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6411ZLZ5E0 TI-TMP320C6411ZLZ5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6411ZLZA300 TI-TMP320C6411ZLZA300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6411ZLZA5E0 TI-TMP320C6411ZLZA5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Podobny opis - TMP320C6411ZLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com