Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP1-01G Arkusz danych(PDF) 4 Page - Copal Electronics

Numer części TP1-01G
Szczegółowy opis  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COPAL [Copal Electronics]
Strona internetowa  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TP1-01G Arkusz danych(HTML) 4 Page - Copal Electronics

  TP1-01G Datasheet HTML 1Page - Copal Electronics TP1-01G Datasheet HTML 2Page - Copal Electronics TP1-01G Datasheet HTML 3Page - Copal Electronics TP1-01G Datasheet HTML 4Page - Copal Electronics TP1-01G Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TP/TPL
■Optional Accessories
《Sold separately》
Part Name
Color Button
(Non-illuminated)
Dimensions
(Material : ABS)
Dark gray
140007480234
140007480272
140007480244
140007480282
Gray
140007480235
140007480273
140007480245
140007480283
Wite
140007480236
140007480274
140007480246
140007480284
Ivory
140007480237
140007480275
140007480247
140007480285
Red
140007480231
140007480269
140007480241
140007480279
Green
140007480233
140007480271
140007480243
140007480281
Blue
140007480232
140007480270
140007480242
140007480280
Part Name
Color Button
(Illuminated)
Dimensions
Material : ABS
②Screen color
①Color
Clear
Red Clear
Green Clear
Yellow Clear
Dark gray
140007480468
140007480251
140007480258
140007480265
Gray
140007480469
140007480252
140007480259
140007480266
Wite
140007480470
140007480253
140007480260
140007480267
Ivory
140007480471
140007480254
140007480261
140007480268
Red
140007480472
140007480248
140007480255
140007480262
Green
140007480473
140007480250
140007480257
140007480264
Blue
140007480474
140007480249
140007480256
140007480263
Dimensions
Material : ABS 
②Screen color
①Color
Clear
Red Clear
Green Clear
Yellow Clear
Dark gray
140007480475
140007480289
140007480296
140007480303
Gray
140007480476
140007480290
140007480297
140007480304
Wite
140007480477
140007480291
140007480298
140007480305
Ivory
140007480478
140007480292
140007480299
140007480306
Red
140007480479
140007480286
140007480293
140007480300
Green
140007480480
140007480288
140007480295
140007480302
Blue
140007480481
140007480287
140007480294
140007480301
Part Name
Mounting Frame
Dimensions
Material : ABS 
Dark gray
140000340191
140000340195
140000340187
140000340199
Gray
140000340192
140000340196
140000340188
140000340200
Wite
140000340193
140000340197
140000340189
1400003401201
Ivory
140000340194
140000340198
140000340190
140000340202
:Optional Accessories


Podobny numer części - TP1-01G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
logo
List of Unclassifed Man...
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Littelfuse
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
TP1.5KE12A LITTELFUSE-TP1.5KE12A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
More results

Podobny opis - TP1-01G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com