Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX1204A Arkusz danych(PDF) 2 Page - Keysight Technologies

Numer części CX1204A
Szczegółowy opis  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX1204A Arkusz danych(HTML) 2 Page - Keysight Technologies

  CX1204A Datasheet HTML 1Page - Keysight Technologies CX1204A Datasheet HTML 2Page - Keysight Technologies CX1204A Datasheet HTML 3Page - Keysight Technologies CX1204A Datasheet HTML 4Page - Keysight Technologies CX1204A Datasheet HTML 5Page - Keysight Technologies CX1204A Datasheet HTML 6Page - Keysight Technologies CX1204A Datasheet HTML 7Page - Keysight Technologies CX1204A Datasheet HTML 8Page - Keysight Technologies CX1204A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Product Overview
When evaluating or debugging low power devices, most test engineers use a similar set of instruments:
power supplies, multimeters, oscilloscopes, spectrum analyzers, network analyzers, function generators,
etc. Measurements made by these instruments are mostly based on “voltage waveform measurements”.
However, a recent increase in demand for power reduction has resulted in an increase in current waveform
measurement opportunities to precisely estimate low-level current and power consumption. In order to
reduce the power consumption of your product, you need to know when, where and precisely how much
current is consumed.
The CX3300 series of Device Current Waveform Analyzers can visualize wideband low-level, previously
unmeasurable or undetectable, current waveforms.. The main frame has either 2 or 4 channels to receive
signals from the Current Sensors and digitize them by a maximum of 1 GSa/s and 14-bit or 16-bit wide
dynamic range.
There are three types of Current Sensors that can detect a wide range of dynamic currents from 100 pA
level up to 10 A, with a maximum of 200 MHz bandwidth. There are six types of detachable Sensor Heads
designed to provide an appropriate choice of connection to the DUT (Device under Test) and they are
available for two of the three types of Current Sensors.
Captured waveforms are displayed on the WGXA 14.1” LCD with multi touch screen. The CX3300 series
can also measure dynamic voltage waveforms by using a Passive Probe Interface Adapter connected to a
measurement channel, so that power consumption waveform can also be calculated and displayed.
The CX3300 series also features useful analysis capabilities such as an Automatic Power and Current
Profiler, a Power Measurement Wizard, FFT Analyzer and Statistical Analysis functions, which accelerate the
analysis of the measurement data without the need to use external analysis utilities.
With this new and powerful analyzer, you can achieve critical mission on power and current consumption
reductions by precisely measuring, previously unmeasurable or undetectable, wideband low-level current
waveforms.


Podobny numer części - CX1204A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
logo
Continental Device Indi...
CX1206MKNP00BB0 CDIL-CX1206MKNP00BB0 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
More results

Podobny opis - CX1204A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com