Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3570 Arkusz danych(PDF) 1 Page - Advanced Semiconductor

Numer części 2N3570
Szczegółowy opis  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASI [Advanced Semiconductor]
Strona internetowa  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N3570 Arkusz danych(HTML) 1 Page - Advanced Semiconductor

  2N3570 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 2 mA
15
V
BVCBO
IC = 1.0
µA30
V
ICBO
VCB = 6.0 V
TA = 150
OC
10
1.0
µµµµA
BVEBO
IE = 10
µA3.0
V
hFE
VCE = 6.0 V
IC = 5.0 mA
20
150
---
Cob
VCB = 6 V
f = 1.0 MHz
0.75
pF
hFE
VCE = 6 V
IC = 5 mA
20
150
---
h
fe

VCE = 6 V
IC = 5 mA
f = 400 MHz
3.75
4.25
6
---
rb
´´´´C
C
VCB = 6 V
IE = -5 mA
f = 79.8 MHz
1
5
8
pF
POSC
VCC = 20 V
IC = 15 mA
f = 1.0 GHz
60
mW
NF
VCB = 6 V
IC = 2 mA
RG = 50
f = 1.0 GHz
6
7
dB
NPN SILICON HIGH FREQUENCY TRANSISTOR
2N3570
DESCRIPTION:
The
2N3570 is Designed for High
Frequency Low Noise Amplifier and
Oscillator Applications.
MAXIMUM RATINGS
IC
50 mA
VCB
30 V
VCE
15 V
VEB
3.0 V
PDISS
200 mW @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
500
OC/W
PACKAGE STYLE TO- 72
1 = EMITTER
2 = BASE
3 = COLLECTOR
4 = CASE


Podobny numer części - 2N3570

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2N3570 NJSEMI-2N3570 Datasheet
68Kb / 1P
   TO-72
More results

Podobny opis - 2N3570

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com