Zakładka z wyszukiwarką danych komponentów |
|
LCC250-12U-7P Arkusz danych(PDF) 3 Page - Artesyn Technologies |
|
LCC250-12U-7P Arkusz danych(HTML) 3 Page - Artesyn Technologies |
3 / 7 page LCC250 Data Sheet 1. Output ripple measured at the end of the output cable terminated with 10 μF tantalum cap in parallel with 0.1 μF ceramic capacitor. 2. 12 V: 1% limit is achieved with 2X 820 uF/16 V external cap (e.g. PLG1C821MDO1 from Nichicon or equivalent). Otherwise, maximum limits are 1.5% at Ta ≥ 0 °C and 2.0% max at Ta < 0 °C. 3. 24 V: 1% limit is achieved with 2X 820 uF/35 V external cap (e.g. UPM1V821MHD1TO from Nichicon or equivalent). Otherwise, maximum limits are 1.5% at Ta ≥ -10 °C. 2.0% max ripple at Ta < -10 °C is met with below external capacitance: 4. 48 V: 1% limit is achieved with 3X 470 uF/63 V external cap. Otherwise, maximum limits are 1.5% max at Ta ≥ 0 °C and 2% max at Ta < 0 °C. 5. Safety Approvals: China CCC approval applies to part numbers with “-xxE” suffixes only. 6. 12 V unit requires external filtering for MIL-STD-461E compliance. Consult Artesyn Technical Support. 7. Warranty: 2 years Ordering Information Model Number Output Adjustment Range Output Current Output Ripple P/P1 Line/ Load Regulation Min Max LCC250-12U-4P 12 V ±10% 0 A 20.8 A 1% 2 ±2% LCC250-12U-4PE 12 V ±10% 0 A 20.8 A 1% 2 ±2% LCC250-12U-7P 12 V ±10% 0 A 20.8 A 1% 2 ±2% LCC250-12U-7PE 12 V ±10% 0 A 20.8 A 1% 2 ±2% LCC250-24U-4P 24 V +14.6 / -15% 0 A 10.4 A 1% 3 ±2% LCC250-24U-4PE 24 V +14.6 / -15% 0 A 10.4 A 1% 3 ±2% LCC250-24U-7P 24 V +14.6 / -15% 0 A 10.4 A 1% 3 ±2% LCC250-24U-7PE 24 V +14.6 / -15% 0 A 10.4 A 1% 3 ±2% LCC250-48U-4P 48 V ±15% 0 A 5.2 A 1% 4 ±2% LCC250-48U-4PE 48 V ±15% 0 A 5.2 A 1% 4 ±2% LCC250-48U-7P 48 V ±15% 0 A 5.2 A 1% 4 ±2% LCC250-48U-7PE 48 V ±15% 0 A 5.2 A 1% 4 ±2% Ambient Temperature (°C) -20 -25 -30 -35 -40 Recommended External Capacitors (μF) 1000 2200 3300 12000 22000 |
Podobny numer części - LCC250-12U-7P |
|
Podobny opis - LCC250-12U-7P |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |