Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCC250-24U-4PE Arkusz danych(PDF) 6 Page - Artesyn Technologies

Numer części LCC250-24U-4PE
Szczegółowy opis  250 Watts Convection/Conduction Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ARTESYN [Artesyn Technologies]
Strona internetowa  
Logo ARTESYN - Artesyn Technologies

LCC250-24U-4PE Arkusz danych(HTML) 6 Page - Artesyn Technologies

  LCC250-24U-4PE Datasheet HTML 1Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 2Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 3Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 4Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 5Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 6Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LCC250 Data Sheet
Mechanical Drawings
POTTING TRIM LABEL
MODEL LABEL
6-Ø 3.6 ±0.10
L2
DC OUTPUT
L1
AC INPUT
(4 - 63.5)
(2 - 93.8)
101.4 ±0.6
L3
CONTROL
B
A
B
A
B
A
B
A
M
BUSHING
ADJUST DIMMING
(VR1)
ADJUST REMOTE ON/OFF
(CN2)
SEE DETAIL C
ADJUST OUTPUT VOLTAGE
(VR2)
VIEW M
ON
(NEGATIVE POLARITY)
OFF
(POSITIVE POLARITY)
DETAIL C
37.6 ±0.6
LCC250-12U-7P
27.9 ±0.6
LCC250-12U-4P
0.30
SERIAL NO. BARCODE LABEL
C
C
C
C
C
C
177.6 ±0.6
(2 - 139.7)
(2 - 119.4)
(2 - 119.4)
(2 - 59.7)
12 V
MODEL LABEL
L2
DC OUTPUT
L1
AC INPUT
POTTING TRIM LABEL
BUSHING
ADJUST DIMMING
(VR1)
ADJUST REMOTE ON/OFF
(CN2)
SEE DETAIL C
ADJUST OUTPUT VOLTAGE
(VR2)
VIEW M
ON
(NEGATIVE POLARITY)
OFF
(POSITIVE POLARITY)
DETAIL C
37.6 ±0.6
LCC250-xxU-7P
27.9 ±0.6
LCC250-xxU-4P
177.6 ±0.6
(2 - 139.7)
(2 - 119.4)
(2 - 119.4)
(2 - 59.7)
(4 - 63.5)
(2 - 93.8)
101.4 ±0.6
L3
CONTROL
B
B
B
B
A
A
A
A
C
C
C
C
C
C
6-Ø 3.6 ±0.10
0.30
(FOR 4PE/7PE ONLY)
SERIAL NO. BARCODE LABEL
24 V / 48 V


Podobny numer części - LCC250-24U-4PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Vishay Siliconix
LCC20AE1000BT0 VISHAY-LCC20AE1000BT0 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT1 VISHAY-LCC20AE1000BT1 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT3 VISHAY-LCC20AE1000BT3 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
More results

Podobny opis - LCC250-24U-4PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
   Effective with radiation, convection and conduction heat transfer
logo
Artesyn Technologies
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
   600 Watts Conduction Cooling
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com