Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E1652FNG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10E1652FNG
Szczegółowy opis  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1652FNG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10E1652FNG Datasheet HTML 1Page - ON Semiconductor MC10E1652FNG Datasheet HTML 2Page - ON Semiconductor MC10E1652FNG Datasheet HTML 3Page - ON Semiconductor MC10E1652FNG Datasheet HTML 4Page - ON Semiconductor MC10E1652FNG Datasheet HTML 5Page - ON Semiconductor MC10E1652FNG Datasheet HTML 6Page - ON Semiconductor MC10E1652FNG Datasheet HTML 7Page - ON Semiconductor MC10E1652FNG Datasheet HTML 8Page - ON Semiconductor MC10E1652FNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 10
1
Publication Order Number:
MC10E1652/D
MC10E1652
5V, -5V Dual ECL Output
Comparator with Latch
The MC10E1652 is fabricated using ON Semiconductor’s advanced
MOSAIC III process and is output compatible with 10H logic devices.
In addition, the device is available in a 20-pin surface mount package.
However, the MC10E1652 provides user programmable hysteresis.
The latch enable (LENa and LENb) input pins operate from standard
ECL 10H logic levels. When the latch enable is at a logic high level,
the MC10E1652 acts as a comparator; hence, Q will be at a logic high
level if V1 > V2 (V1 is more positive than V2). Q is the complement
of Q. When the latch enable input goes to a low logic level, the outputs
are latched in their present state, providing the latch enable setup and
hold time constraints are met. The level of input hysteresis is
controlled by applying a bias voltage to the HYS pin.
Features
Typical 3.0 dB Bandwidth > 1.0 GHz
Typical V to Q Propagation Delay of 775 ps
Typical Output Rise/Fall of 350 ps
Common Mode Range −2.0 V to +3.0 V
Individual Latch Enables
Differential Outputs
Operating Mode: VCC = 5.0 V, VEE = −5.2 V, GND = 0 V
Programmable Input Hysteresis
No Internal Input Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 100 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−O @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 85 devices
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAM
PLCC−20
FN SUFFIX
CASE 775
20 1
MC10E
1652FNG
AWLYYWW
120
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Podobny numer części - MC10E1652FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E1652FNG ONSEMI-MC10E1652FNG Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
More results

Podobny opis - MC10E1652FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com