Zakładka z wyszukiwarką danych komponentów |
|
1N4006RL Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
1N4006RL Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 4 page 1N4001, 1N4002, 1N4003, 1N4004, 1N4005, 1N4006, 1N4007 http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 Unit *Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V *Non−Repetitive Peak Reverse Voltage (halfwave, single phase, 60 Hz) VRSM 60 120 240 480 720 1000 1200 V *RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V *Average Rectified Forward Current (single phase, resistive load, 60 Hz, TA = 75°C) IO 1.0 A *Non−Repetitive Peak Surge Current (surge applied at rated load conditions) IFSM 30 (for 1 cycle) A Operating and Storage Junction Temperature Range TJ Tstg −65 to +175 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ELECTRICAL CHARACTERISTICS* Rating Symbol Typ Max Unit Maximum Instantaneous Forward Voltage Drop, (iF = 1.0 Amp, TJ = 25°C) vF 0.93 1.1 V Maximum Full−Cycle Average Forward Voltage Drop, (IO = 1.0 Amp, TL = 75°C, 1 inch leads) VF(AV) − 0.8 V Maximum Reverse Current (rated DC voltage) (TJ = 25°C) (TJ = 100°C) IR 0.05 1.0 10 50 mA Maximum Full−Cycle Average Reverse Current, (IO = 1.0 Amp, TL = 75°C, 1 inch leads) IR(AV) − 30 mA *Indicates JEDEC Registered Data |
Podobny numer części - 1N4006RL |
|
Podobny opis - 1N4006RL |